Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED7708 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 23Page - STMicroelectronics LED7708 Datasheet HTML 24Page - STMicroelectronics LED7708 Datasheet HTML 25Page - STMicroelectronics LED7708 Datasheet HTML 26Page - STMicroelectronics LED7708 Datasheet HTML 27Page - STMicroelectronics LED7708 Datasheet HTML 28Page - STMicroelectronics LED7708 Datasheet HTML 29Page - STMicroelectronics LED7708 Datasheet HTML 30Page - STMicroelectronics LED7708 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
27/53
Detailed information about the MOSFET gate driver can be found in Section 5: Electrical
characteristics.
The current flowing through the power MOSFET is sensed during the on-phase by
measuring the voltage drop across an external sensing resistor (connected between the
source of the MOSFET and PGND). The overcurrent condition is detected by comparing the
sensed voltage with an internal threshold. This threshold can be set in the 100 mV - 300 mV
range according to the resistor connected between the CLIM pin and ground. The sensing
resistors are often available in few values: once a suitable one has been selected, the
resistor at the CLIM pin is calculated according to the following equation:
Equation 9
where KC1 = 1.63 x 10
-5 V and K
C2 = 3.1 x 10
-2 A.
The maximum allowed peak current depends on the external MOSFET capability.
The actual maximum peak current is given by the above equations as long as duty cycle is
below 35% and decreases as duty cycle increases beyond 35%, depending on the slope
compensation setting. If an overcurrent (OC) condition occurs, the boost controller turns-off
the external MOSFET and skips subsequent switching cycles until the current is above the
programmed level.
In the case of a light load condition, the COMP pin voltage may fall below 0.8 V (typ.). In this
case the boost controller stops switching until the error amplifier forces the COMP voltage to
rise. The above voltage at the COMP pin corresponds to about 25% of full current limit.
In a boost converter, the RMS current through the internal MOSFET depends on both the
input and output voltages, according to Equation 10 (DCM) and 11 (CCM).
Equation 10
Equation 11
The current limitation works by clamping the COMP pin voltage proportionally to RBILIM. The
peak inductor current is limited to the above threshold decreased by the slope
compensation contribution.
8.4
Current generators section
The LED-driving section consists of 16 current generators connected to the internal control
logic. Each channel can sustain up to 40 V and sink up to 85 mA. The brightness of the
LEDs connected to the LED7708 is controlled by switching the current between a maximum
value (on-phase) and a minimum one (off-phase) at a given dimming frequency (PWM
control).
R
CLIM
R
SNS
I
MOS OCP
,
K
C2
+
()
K
C1
---------------------------------------------------------------------
=
I
MOS rms
,
V
IN
D
F
SW
L
---------------------- D
3
----
=
()
()
()
⎟⎟
⎜⎜
⎟⎟⎠
⎜⎜⎝
+
=
3
2
SW
OUT
OUT
2
OUT
rms
,
MOS
D
1
D
L
f
I
V
12
1
D
1
D
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com