Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM341 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM341_17 Datasheet HTML 9Page - Texas Instruments LM341_17 Datasheet HTML 10Page - Texas Instruments LM341_17 Datasheet HTML 11Page - Texas Instruments LM341_17 Datasheet HTML 12Page - Texas Instruments LM341_17 Datasheet HTML 13Page - Texas Instruments LM341_17 Datasheet HTML 14Page - Texas Instruments LM341_17 Datasheet HTML 15Page - Texas Instruments LM341_17 Datasheet HTML 16Page - Texas Instruments LM341_17 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
LM341, LM78M05
www.ti.com
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Some layout guidelines must be followed to ensure proper regulation of the output voltage with minimum noise.
TI recommends that the input terminal be bypassed to ground with a bypass capacitor. The optimum placement
is closest to the input terminal of the device and the system GND. Take care to minimize the loop area formed by
the bypass-capacitor connection, the input terminal, and the system GND. Traces carrying the load current must
be wide to reduce the amount of parasitic trace inductance. In cases when VIN shorts to ground, an external
diode must be placed from VOUT to VIN to divert the surge current from the output capacitor and protect the IC.
This diode must be placed close to the corresponding IC pins to increase their effectiveness.
10.2 Layout Example
Figure 15. Layout Recommendation
10.3 Thermal Considerations
When an integrated circuit operates with appreciable current, its junction temperature is elevated. It is important
to quantify its thermal limits to achieve acceptable performance and reliability. This limit is determined by
summing the individual parts consisting of a series of temperature rises from the semiconductor junction to the
operating environment. A one-dimension steady-state model of conduction heat transfer is demonstrated in
Figure 16. The heat generated at the device junction flows through the die to the die attach pad, through the lead
frame to the surrounding case material, to the printed-circuit board, and eventually to the ambient environment.
There are several variables that may affect the thermal resistance and in turn the need for a heat sink, which
includes the following.
Component variables (RθJC)
•
Leadframe size and material
•
Number of conduction pins
•
Die size
•
Die attach material
•
Molding compound size and material
Application variables (RθCA)
•
Mounting pad size, material, and location
•
Placement of mounting pad
•
PCB size and material
•
Traces length and width
•
Adjacent heat sources
•
Volume of air
•
Ambient temperature
•
Shape of mounting pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com