| Electronic Components Datasheet Search |
|
AMS001-R Datasheet(PDF) 18 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
AMS001-R Datasheet(HTML) 18 Page - Silicon Laboratories |
|
18 / 29 page ![]() AMS-00x • Embedded Bluetooth Low Energy Solution Regulatory Certification, Section 7 ADS-MS00x-107R • Preliminary Data Sheet Page | 14 ©2014-2015 ACKme Networks. http://ack.me September 14, 2015 7 Regulatory Certification The AMS00x family of modules has been certified for operation in various regulatory domains. This section outlines certification information specific to the follow- ing countries and regions: United States Canada Europe Australia New Zealand Should you require regulatory certification for the AMS00x module in a country or region not listed, please contact your local ACKme Networks sales office or cre- ate a support request via our website at http://ack.me/contact. 7.1 United States The ACKme Networks AMS-00x module has received Federal Communications Commission (FCC) CFR47 Tele- communications, Part 15 Sub-part C “Intentional Radia- tors” modular approval in accordance with Part 15.212 Modular Transmitter approval. Modular approval al- lows the end user to integrate the AMS-00x module into a finished product without obtaining subsequent and separate FCC approvals for intentional radiation, provided no changes or modifications are made to the module circuitry. Changes or modifications could void the user’s authority to operate the equipment. The end user must comply with all of the instructions provided by the Grantee which indicate installation and/or oper- ating conditions necessary for compliance. The finished product is required to comply with all ap- plicable FCC equipment authorization, regulations, re- quirements, and equipment functions not associated with the transmitter module portion. For example, compliance must be demonstrated to regulations for other transmitter components within the host product; to requirements for unintentional radiators (Part 15 Sub-part B “Unintentional Radiators”), such as digital devices, computer peripherals, radio receivers, etc.; and to additional authorization requirements for non- transmitter functions on the transmitter module (i.e. Verification, or Declaration of Conformity) (e.g., trans- mitter modules may also contain digital logic functions) as appropriate. Labeling and User Information Requirements The AMS-00x module has been labelled with a unique FCC ID number, and if the FCC ID is not visible when the module is installed inside another device, then the out- side of the finished product into which the module is installed must also display a label referring to the en- closed module. This exterior label can use wording as follows: The user manual for the product should include the fol- lowing statement: Contains FCC ID: 2ABPY-BB4EA - Model No: AMS001 Contains FCC ID: 2ABPY-0D06E - Model No: AMS002 This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may cause un- desired operation. This equipment has been tested and found to com- ply with the limits for a Class B digital device, pursu- ant to part 15 of the FCC Rules. These limits are de- signed to provide reasonable protection against harmful interference in a residential installation. This equipment generates, uses and can radiate ra- dio frequency energy and if not installed and used in accordance with the instructions, may cause harm- ful interference to radio communications. However, there is no guarantee that interference will not oc- cur in a particular installation. If this equipment does cause harmful interference to radio or televi- sion reception, which can be determined by turning the equipment off and on, the user is encouraged to try to correct the interference by one or more of the following measures: Reorient or relocate the receiving antenna. Increase the separation between the equip- ment and receiver. Connect the equipment into an outlet on a cir- cuit different from that to which the receiver is connected. Consult the dealer or an experienced radio/TV technician for help. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |