Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F4331 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 17Page - Microchip Technology PIC18F4331 Datasheet HTML 18Page - Microchip Technology PIC18F4331 Datasheet HTML 19Page - Microchip Technology PIC18F4331 Datasheet HTML 20Page - Microchip Technology PIC18F4331 Datasheet HTML 21Page - Microchip Technology PIC18F4331 Datasheet HTML 22Page - Microchip Technology PIC18F4331 Datasheet HTML 23Page - Microchip Technology PIC18F4331 Datasheet HTML 24Page - Microchip Technology PIC18F4331 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 19
PIC18F2331/2431/4331/4431
PORTE is a bidirectional I/O port.
RE0/AN6
RE0
AN6
825
25
I/O
I
ST
Analog
Digital I/O.
Analog input 6.
RE1/AN7
RE1
AN7
926
26
I/O
I
ST
Analog
Digital I/O.
Analog input 7.
RE2/AN8
RE2
AN8
10
27
27
I/O
I
ST
Analog
Digital I/O.
Analog input 8.
VSS
12,
31
6, 29 6, 30,
31
P
—
Ground reference for logic and I/O pins.
VDD
11, 32 7, 28
7, 8,
28,
29
P
—
Positive supply for logic and I/O pins.
NC
—
12,
13,
33, 34
13
NC
NC
No connect
TABLE 1-3:
PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
TQFP QFN
Legend: TTL
= TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com