Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3045FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3045FP
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045FP Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3045FP Datasheet HTML 1Page - STMicroelectronics STPS3045FP Datasheet HTML 2Page - STMicroelectronics STPS3045FP Datasheet HTML 3Page - STMicroelectronics STPS3045FP Datasheet HTML 4Page - STMicroelectronics STPS3045FP Datasheet HTML 5Page - STMicroelectronics STPS3045FP Datasheet HTML 6Page - STMicroelectronics STPS3045FP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS3045FP
4/7
Doc ID 018668 Rev 1
Figure 9.
Forward voltage drop versus forward current
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
I( A)
R m
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
V (V)
R
C(pF)
100
1000
10000
1
10
100
F=1MHz
Vosc =30mVRMS
Tj=25°C
V (V)
R
I
(A)
FM
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
V
(V)
FM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com