| Electronic Components Datasheet Search |
|
M24C64-RMB3T Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-RMB3T Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() M24C64, M24C32 12/26 Figure 10. Read Mode Sequences Note: 1. The seven most significant bits of the Device Select Code of a Random Read (in the 1st and 4th bytes) must be identical. Read Operations Read operations are performed independently of the state of the Write Control (WC) signal. After the successful completion of a Read opera- tion, the device’s internal address counter is incre- mented by one, to point to the next byte address. Random Address Read A dummy Write is first performed to load the ad- dress into this address counter (as shown in Fig- ure 10.) but without sending a Stop condition. Then, the bus master sends another Start condi- tion, and repeats the Device Select Code, with the Read/Write bit (RW) set to 1. The device acknowl- edges this, and outputs the contents of the ad- dressed byte. The bus master must not acknowledge the byte, and terminates the transfer with a Stop condition. Current Address Read For the Current Address Read operation, following a Start condition, the bus master only sends a De- vice Select Code with the Read/Write bit (RW) set to 1. The device acknowledges this, and outputs the byte addressed by the internal address counter. The counter is then incremented. The bus master terminates the transfer with a Stop condi- tion, as shown in Figure 10., without acknowledg- ing the byte. DEV SEL * BYTE ADDR BYTE ADDR DEV SEL DATA OUT 1 AI01105C DATA OUT N CURRENT ADDRESS READ DEV SEL DATA OUT RANDOM ADDRESS READ DEV SEL * DATA OUT SEQUENTIAL CURRENT READ DATA OUT N DEV SEL * BYTE ADDR BYTE ADDR SEQUENTIAL RANDOM READ DEV SEL * DATA OUT 1 ACK R/W NO ACK ACK R/W ACK ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |