Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPRIMER Datasheet(PDF) 3 Page - STMicroelectronics

Part # STMPRIMER
Description  Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPRIMER Datasheet(HTML) 3 Page - STMicroelectronics

  STMPRIMER Datasheet HTML 1Page - STMicroelectronics STMPRIMER Datasheet HTML 2Page - STMicroelectronics STMPRIMER Datasheet HTML 3Page - STMicroelectronics STMPRIMER Datasheet HTML 4Page - STMicroelectronics STMPRIMER Datasheet HTML 5Page - STMicroelectronics STMPRIMER Datasheet HTML 6Page - STMicroelectronics STMPRIMER Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID13942 Rev 10
3/7
STM8L-PRIMER STM32-PRIMER STMPRIMER
Primer usage
7
2
Primer usage
Power up
If your EvoPrimer base and the target board are not connected, simply insert the target
board into the EvoPrimer base, switch on the power switch and slide the transparent cover
in place.
Press the joystick to power up the complete EvoPrimer and plug it directly into a host PC's
USB port for in-circuit debugging and device programming.
Note:
EvoPrimer bases are charged in the factory to ensure minimum operation upon reception.
The battery needs charging as soon as possible via the EvoPrimer base's debug USB port.
Play
Start exploring the power of the STM32/STM8 by playing with the included applications. The
base drives the fun, ergonomic hardware platform that combines a TFT graphical display
with MEMs-based controls plus a tactile screen and joystick for navigating and controlling
the GUI and game applications.
The Primers enable you to discover, edit and fine tune applications using Raisonance's
Ride7 software toolset which drives the hardware and offers a full range of project
management, source code editing and debugging features from an intuitive GUI.
The Primers can operate in standalone mode powered by a battery with power
management circuit which is recharged via the USB connection to a host PC.
When the STM8L or STM32L EvoPrimer target boards are disconnected from the base,
they have the unique feature of being able to run off their own battery which is recharged by
their solar cells. They can use this feature to operate as a standalone temperature sensor
application!
More resources
You can develop applications using sample applications from Raisonance or other
engineers at www.mcu-circle.com as the starting point for new innovations. All the
preloaded sample applications, new applications and the CircleOS task scheduler can be
downloaded for free from the mcu-circle web site. This Primer dedicated internet site also
provides FAQ, user forums, links to development resources and much more.
Note:
Raisonance's Ride7 supports the STM32, STR7/9, STM8 and ST7 microcontroller families.
For details about available compilers and special features for each family, refer to the
STMicroelectronics microcontroller support site on www.st.com.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com