Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN55N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN55N50
Description  HiPerRF Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN55N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN55N50 Datasheet HTML 1Page - IXYS Corporation IXFN55N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
500
V
V
GH(th)
V
DS = VGS, ID = 8 mA
3.0
5.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200 nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C3m A
R
DS(on)
V
GS = 10 V, ID = 0.5
I
D25
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
85
m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30V
I
D25
T
C
= 25
°C55
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
220
A
I
AR
T
C
= 25
°C55
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C3.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
J
1.6 mm (0.63 in) from case for 10 s
-
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13Nm/lb.in.
Terminal connection torque
1.5/13Nm/lb.in.
Weight
30g
98854 (8/01)
D
S
G
S
S
G
S
D
miniBLOC, SOT-227 B
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
Advance Technical Information
IXFN 55N50F
V
DSS
=
500
V
I
D25
=
55
A
R
DS(on) =
85 m
t
rr
≤≤≤≤ 250 ns
HiPerRFTM
Power MOSFETs
F-Class: MegaHertz Switching
N-Channel Enhancement Mode
Avalanche Rated,
Low Q
g, Low Intrinsic Rg
High dV/dt,
Low t
rr
Features
l RF capable Mosfets
l Ruggedpolysilicongatecellstructure
l Double metal process for low gate
resistance
l UnclampedInductiveSwitching(UIS)
rated
l Low package inductance
- easy to drive and to protect
l Fast intrinsicrectifier
Applications
l DC-DC converters
l Switched-modeandresonant-mode
power supplies, >500kHz switching
l DC choppers
l Pulsegeneration
l Laserdrivers
Advantages
l Easy to mount
l Space savings
l High power density


Similar Part No. - IXFN55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFET
logo
Inchange Semiconductor ...
IXFN55N50 ISC-IXFN55N50 Datasheet
599Kb / 3P
N-Channel MOSFET Transistor
More results

Similar Description - IXFN55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH12N100F IXYS-IXFH12N100F Datasheet
99Kb / 2P
HiPerRF Power MOSFETs
IXFX21N100F IXYS-IXFX21N100F Datasheet
98Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFR55N50F IXYS-IXFR55N50F Datasheet
499Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100 IXYS-IXFN24N100 Datasheet
105Kb / 2P
HiPerRF Power MOSFETs
IXFK24N100 IXYS-IXFK24N100 Datasheet
99Kb / 2P
HiPerRF Power MOSFETs
IXFH12N50F IXYS-IXFH12N50F Datasheet
303Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH21N50F IXYS-IXFH21N50F Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
IXFH12N100F IXYS-IXFH12N100F_03 Datasheet
112Kb / 2P
HiPerRF Power MOSFETs
IXFH28N50F IXYS-IXFH28N50F Datasheet
112Kb / 2P
HiPerRF Power MOSFETs
IXFK21N100F IXYS-IXFK21N100F Datasheet
101Kb / 2P
HiPerRF Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com