Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPVT0515 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPVT0515
Description  1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPVT0515 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPVT0515 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPVT0515 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPVT0515 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPVT0515 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPVT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 4
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40℃ to 85℃
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10% load to rated load)
3.3V & 5V output variants
10
12
%
Load Regulation(10% load to rated load)
9V output variants
6.5
8.0
%
Load Regulation(10% load to rated load)
12V output variants
7
9
%
Load Regulation(10% load to rated load)
15V output variants
6.5
7.5
%
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
℃
Internal power dissipation
560mW
Input voltage Vin, TPVT03
5.5V
Input voltage Vin, TPVT05
7V
Input voltage Vin, TPVT12
15V
Input voltage Vin, TPVT24
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 minute
3000
VDC
Resistance
Viso= 1000VDC
1
G
Ω
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V, 5V input variants
120
kHz
Switching frequency
12V, 24V input variants
130
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-55
125
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak reflow solder temperature of 245ºC and time above liquids of 217ºC for 80 seconds. The series is
backward compatible with Sn/Pb soldering systems.
Output Load Current(%)
+9.5%
+5%
V
NOM
-2.5%
+2.5%
-8%
100
75
50
25
10
Typical Loa
d Line
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com