Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST95HF Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 37Page - STMicroelectronics ST95HF Datasheet HTML 38Page - STMicroelectronics ST95HF Datasheet HTML 39Page - STMicroelectronics ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
DocID025630 Rev 4
41/93
ST95HF
Commands
92
Note:
Bytes 4 to 9 should be used as shown in the examples in Section 5.9: Idle command (0x07)
description.
Note that the MaxSleep value is coded on the 5 least significant bits, thus:
0x00 < MaxSleep < 0x1F.
All the previously described command parameters must be chosen accordingly for the initial
tag detection calibration when setting up the ST95HF.
Their value will impact tag detection efficiency, and ST95HF power consumption during Tag
Detection periods.
5.9.5
Tag detection calibration procedure
The Idle command allows the use of a tag detection as a wake-up event. Certain
parameters of the Idle command are dedicated to setting the conditions of a tag detection
sequence.
During the tag detection sequence, the ST95HF regularly emits RF bursts and measures
the current in the antenna driver IDRIVE using the internal 6-bit DAC.
When a tag enters the ST95HF antenna RF operating volume, it modifies the antenna
loading characteristics and induces a change in IDRIVE, and consequently, the DAC data
register reports a new value.
This value is then compared to the reference value established during the tag detection
calibration process. This enables the ST95HF to decide if a tag has entered or not its
operating volume.
The reference value (DacDataRef) is established during a tag detection calibration process
using the ST95HF application setting with no tag in its environment.
The calibration process consists in executing a tag detection sequence using a well-known
configuration, with no tag within the antenna RF operating volume, to determine a specific
reference value (DacDataRef) that will be reused by the host to define the tag detection
parameters (DacDataL and DacDataH).
During the calibration process, DacDataL is forced to 0x00 and the software successively
varies the DacDataH value from its maximum value (0xFE) to it minimum value (0x00). At
the end of the calibration process, DacDataRef will correspond to the value of DacDataH for
which the wake-up event switches from Timeout (no tag in the RF field) to tag detected.
To avoid too much sensitivity of the tag detection process, we recommend using a guard
band. This value corresponds to 2 DAC steps (0x08).
Recommended guard band value:
DacDataL = DacDataRef – Guard and DacDataH = DacDataRef + Guard
The parameters used to define the tag detection calibration sequence (clocking, set-up time,
burst duration, etc.) must be the same as those used for the future tag detection sequences.
When executing a tag detection sequence, the ST95HF compares the DAC data register
value to the DAC Data parameter values (DacDataL and DacDataH) included in the Idle
command. The ST95HF will exit WFE mode through a Tag Detection event if the DAC data
register value is greater than the DAC Data parameter high value (DacDataH) or less than
the DAC Data parameter low value (DacDataL). Otherwise, it will return to Ready state after
a Timeout.
An efficient 8-step calibration algorithm is described in Example of tag detection calibration
process on page 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com