| Electronic Components Datasheet Search |
|
AM29PLI60C Datasheet(PDF) 43 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PLI60C Datasheet(HTML) 43 Page - Advanced Micro Devices |
|
43 / 44 page ![]() 42 Am29PL160C June 12, 2002 REVISION SUMMARY Revision A (August 1998) Initial release. Revision A+1 (September 1998) Sector Protection/Unprotection Added reference to Temporary Unprotect Enable/Dis- able command sequence. Common Flash Memory Interface (CFI) Deleted reference to upper address bits in word mode. Revision B (January 1999) Ordering Information Deleted commercial temperature rating. DC Characteristics Corrected ICC1 test condition for OE# to VIH. Revision B+1 (February 1999) DC Characteristics Replaced TBDs for ICC4 with specifications. Revision B+2 (March 5, 1999) Distinctive Characteristics In the first subbullet under the Flexible Sector Architec- ture bullet, deleted the reference to “one 8 Kbyte” sector. Revision B+3 (May 14, 1999) Global Deleted the 60R speed option and added the 65R speed option. Common Flash Memory Interface (CFI) Corrected the data for the following CFI hex addreses: 38, 39, 3C, 4C. Absolute Maximum Ratings Corrected the maximum rating for all other pins to +5.5 V. Revision B+4 (June 25, 1999) Changed data sheet status to preliminary. Deleted the 70 ns, full voltage range speed option. Revision B+5 (July 26, 1999) Global Added the reverse pinout SO package. Deleted the TSOP package. Physical Dimensions Restored section. Revision B+6 (September 2, 1999) Connection Diagrams Corrected the pinouts of pins 1, 2, 43, and 44 on the reverse SO diagram. Revision B+7 (February 4, 2000) Global Added 48-pin TSOP. Revision C (February 21, 2000) Global The “preliminary” designation has been removed from the document. Parameters are now stable, and only speed, package, and temperature range combinations are expected to change in future data sheet revisions. Added dash to ordering part numbers. Revision C+1 (June 20, 2000) Global Deleted the SOR44 package. Deleted references to top boot configuration. Product Selector Guide, Ordering Information Added -90R speed option. Revision C+2 (June 28, 2000) Command Definitions Command Definitions table: Corrected address in the sixth cycle of the chip erase command sequence from 2AA to AAA. Revision C+3 (November 14, 2000) Added table of contents. Revision C+4 (June 12, 2002) Global Deleted references to hardware reset (RESET#) input. Added reverse pinout SO package. Deleted 90R speed option. TSOP and SO Pin Capacitance Added TSOP pin capacitance. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |