Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE7754 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7754 Datasheet HTML 28Page - Analog Devices ADE7754 Datasheet HTML 29Page - Analog Devices ADE7754 Datasheet HTML 30Page - Analog Devices ADE7754 Datasheet HTML 31Page - Analog Devices ADE7754 Datasheet HTML 32Page - Analog Devices ADE7754 Datasheet HTML 33Page - Analog Devices ADE7754 Datasheet HTML 34Page - Analog Devices ADE7754 Datasheet HTML 35Page - Analog Devices ADE7754 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 32 –
CS
SCLK
DIN
A4 A3 A2
A1 A0
DB7
Most Significant Byte
t1
t2 t3
t4
t5
t8
1
DB0
DB7
DB0
t6
Least Significant Byte
t7
t7
0
Command Byte
A5
Figure 42– Serial Interface Write Timing Diagram
SCLK
XXXX
DB11 DB10
DB9
DB8
DIN
Most Significant Byte
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
Least Significant Byte
Figure 43—12 bit Serial Write Operation
ADE7754 Serial Read Operation
During a data read operation from the ADE7754 data is
shifted out at the DOUT logic output on the rising edge of
SCLK. As was the case with the data write operation, a data
read must be preceded with a write to the Communications
register.
With the ADE7754 in communications mode and CS logic
low an eight bit write to the Communications register first
takes place. The MSB of this byte transfer must be a 0,
indicating that the next data transfer operation is a read. The
six LSBs of this byte contain the address of the register which
is to be read. The ADE7754 starts shifting out of the register
data on the next rising edge of SCLK – see Figure 44. At this
point the DOUT logic output switches from high impedance
state and starts driving the data bus. All remaining bits of
register data are shifted out on subsequent SCLK rising
edges. The serial interface enters communications mode
again as soon as the read has been completed. The DOUT
logic output enters a high impedance state on the falling edge
of the last SCLK pulse. The read operation may be aborted
by bringing the CS logic input high before the data transfer
is completed. The DOUT output enters a high impedance
state on the rising edge of CS.
When an ADE7754 register is addressed for a read operation,
the entire contents of that register are transferred to the Serial
port. This allows the ADE7754 to modify its on-chip
registers without the risk of corrupting data during a multi
byte transfer.
Note: when a read operation follows a write operation, the
read command (i.e., write to communications register)
should not happen for at least TBD after the end of the write
operation. If the read command is sent within TBD of the
write operation, the last byte of the write operation may be
lost. The is given as timing specification t15.
CS
SCLK
DIN
A4 A3 A2
A1 A0
t1
t11
t12
t9
DB7
DOUT
t13
DB0
DB0
DB7
t10
t14
Most Significant
Byte
Least Significant
Byte
00
Command
Byte
A5
Figure 44– Serial Interface Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com