Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPV324 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV324
Description  General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV324 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LPV324 Datasheet HTML 1Page - National Semiconductor (TI) LPV324 Datasheet HTML 2Page - National Semiconductor (TI) LPV324 Datasheet HTML 3Page - National Semiconductor (TI) LPV324 Datasheet HTML 4Page - National Semiconductor (TI) LPV324 Datasheet HTML 5Page - National Semiconductor (TI) LPV324 Datasheet HTML 6Page - National Semiconductor (TI) LPV324 Datasheet HTML 7Page - National Semiconductor (TI) LPV324 Datasheet HTML 8Page - National Semiconductor (TI) LPV324 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
100V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V
+–V −)
5.5V
Output Short Circuit to V
+
(Note 3)
Output Short Circuit to V
−
(Note 4)
Soldering Information
Infrared or Convection (20 sec)
235˚C
Storage Temp. Range
−65˚C to 150˚C
Junction Temp. (T
j, max) (Note 5)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5V
Temperature Range
−40˚C
≤T
J≤85˚C
Thermal Resistance (
θ
JA)(Note 10)
5-pin SC70-5
478˚C/W
5-pin SOT23-5
265˚C/W
8-Pin SOIC
190˚C/W
8-Pin MSOP
235˚C/W
14-Pin SOIC
145˚C/W
14-Pin TSSOP
155˚C/W
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 1.0V, VO =V
+/2 and R
L > 1MΩ.
Symbol
Parameter
Conditions
Typ
(Note 6)
Limit
(Note 7)
Units
V
OS
Input Offset Voltage
1.2
7
mV
max
TCV
OS
Input Offset Voltage Average
Drift
2
µV/˚C
I
B
Input Bias Current
1.7
50
nA
max
I
OS
Input Offset Current
0.6
40
nA
max
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 1.7V
70
50
dB
min
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
V
O = 1V, VCM = 1V
65
50
dB
min
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
−0.2
0
V
min
1.9
1.7
V
max
V
O
Output Swing
R
L = 100kΩ to 1.35V
V
+ -3
V
+ -100
mV
min
80
180
mV
max
I
S
Supply Current
LPV321
4
8
µA
max
LPV358
Both amplifiers
816
µA
max
LPV324
All four amplifiers
16
24
µA
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com