Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1063404 Datasheet(PDF) 7 Page - SICK AG

Part # 1063404
Description  IMAGE-BASED CODE READERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1063404 Datasheet(HTML) 7 Page - SICK AG

  1063404 Datasheet HTML 1Page - SICK AG 1063404 Datasheet HTML 2Page - SICK AG 1063404 Datasheet HTML 3Page - SICK AG 1063404 Datasheet HTML 4Page - SICK AG 1063404 Datasheet HTML 5Page - SICK AG 1063404 Datasheet HTML 6Page - SICK AG 1063404 Datasheet HTML 7Page - SICK AG 1063404 Datasheet HTML 8Page - SICK AG 1063404 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
V2D652R-MCXXA6 Flex | Lector65x
IMAGE-BASED CODE READERS
Field of view, Lector65x Flex with Panorama 50 mm
Working distance/focus position
Dimensions in mm (inch/*mil)
Max. code size
Min. resolution 1D-Code
Min. resolution 2D-Code
600
(23.62)
900
(35.43)
1,200
(47.24)
1,500
(59.06)
1,800
(70.87)
181
(7.13)
...
72 (2.83)
0.11 (*4.1)
0.14 (*5.5)
133 (5.24)
0.20 (*8.1)
0.27 (*10.8)
162 (6.38)
0.25 (*10.0)
0.34 (*13.4)
190 (7.48)
0.30 (*12.0)
0.41 (*16.0)
105 (4.13)
0.16 (*6.1)
0.21 (*8.2)
0
100
(3.94)
100
(3.94)
200
(7.87)
200
(7.87)
300
(11.81)
300
(11.81)
400
(15.75)
400
(15.75)
Field of view LECTOR654
203 x 38
(7.99 x 1.50)
307 x 56
(12.09 x 2.20)
411 x 75
(16.18 x 2.95)
515 x 93
(20.28 x 3.66)
203 x 72
(7.99 x 2.83)
307 x 106
(12.09 x 4.17)
411 x 140
(16.18 x 5.51)
515 x 174
(20.28 x 6.85)
618 x 111
(24.33 x 4.37)
618 x 208
(24.33 x 8.19)
Field of view LECTOR652
Min. resolution in mm (mil)
0
0
200
(7.87)
400
(15.75)
600
(23.62)
800
(31.50)
1000
(39.37)
1200
(47.24)
1400
(55.12)
1600
(62.99)
1800
(70.87)
2000
(78.74)
2200
(86.61)
Working distance/focus position in mm (inch)
Field of view in mm² (sq inch)
1D code
2D code
0.2
(7.9)
0.4
(15.7)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
0.6
(23.6)
0.7
(27.6)
0.2
(7.9)
0.4
(15.7)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
0.6
(23.6)
0.7
(27.6)
0.8
(31.5)
a: f = 12 mm
b: f = 16 mm
c: f = 25 mm
d: f = 35 mm
e: f = 50 mm
f: f = 75 mm
300 x 150
(11.81 x 5.91)
600 x 300
(23.62 x 11.81)
700 x 350
(27.56 x 13.78)
800 x 400
(31.50 x 15.75)
1000 x 500
(39.37 x 19.69)
900 x 450
(35.43 x 17.72)
200 x 100
(7.87 x 3.94)
400 x 200
(15.75 x 7.87)
500 x 250
(19.69 x 9.84)
100 x 50
(3.94 x 1.97)
a
b
c
d
e
f
0.9
(35.4)
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com