Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IOBUS3 Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # IOBUS3
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS3 Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button IOBUS3 Datasheet HTML 40Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 41Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 42Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 43Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 44Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 45Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 46Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 47Page - Future Technology Devices International Ltd. IOBUS3 Datasheet HTML 48Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
44
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
The command and status formats for this mode can be seen in Figure 6.7 below with a description of
each field in Table 6.6:
Command:
Status:
Figure 6.7 SPI Command and Status Structure
Field
Description
A2:A0
Address of slave being used in a multi-slave environment. This would typically be used in the
scenario where a shared data bus is used.
R/W#
Set to ‘1’ for a read and ‘0’ for a write.
Z
Tri-stated.
TXE
Transmit Empty.
When ‘1’ the Slave transmit buffer has no new data to transmit.
When ‘0’ the Slave transmit buffer does have new data.
RXF
Receive Full.
When ‘1’ the Slave receive buffer has new data which has not been read yet.
When ‘0’ the Slave receive buffer is empty and can be safely written to.
ACK
Set to ‘1’ when a Slave has correctly decoded its address.
Table 6.6 SPI Command and Status Fields
A2
A1
A0
R/W#
Z
Z
Z
Z
Z
Z
Z
Z
TXE
RXF
ACK
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com