| Electronic Components Datasheet Search |
|
FT260Q-R Datasheet(PDF) 47 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT260Q-R Datasheet(HTML) 47 Page - Future Technology Devices International Ltd. |
|
47 / 61 page ![]() Copyright © Future Technology Devices International Limited 47 FT260 HID-CLASS USB TO UART/I2C BRIDGE IC Version 1.1 Document No.: FT_001272 Clearance No.: FTDI#484 9.2 Programming the external EEPROM over USB The external EEPROM can be programmed over USB, which is supported by FT_PROG as most FTDI chips do. The FT_Prog utility is provided free-of-charge from the FTDI website, and can be found at the link below. The user guide is also available at this link. http://www.ftdichip.com/Support/Utilities.htm#FT_Prog Please note that a user needs to specify the data address type as one-byte or two-byte when programming the external EEPROM. 9.2.1 Supported EEPROM Spec The FT260 supports an external EEPROM with I²C interface, slave address 0x50~0x57, and data size larger than 256 bytes. When the FT260 powers on, it will scan the I²C bus and try to find if an external EEPROM is present. If it is present, it will check the content and load the configuration data from the EEPROM into the FT260. Note that loading data from an external EEPROM is the last step of power-on, and it will overwrite the configuration data from eFUSE. There are two different types of EEPROM. One has one-byte data address; the other one has two-byte data address. Usually, the first one has a data size smaller than 256 bytes, and the second one has a data size more than 256 bytes. It is not possible for the FT260 to automatically identify the EEPROM type, therefore, FT_prog will require the user’s input to specify the type of the external EEPROM. In summary, the supported external EEPROM has: I²C interface with slave address 0x50~0x57 256 bytes at least One-byte data address or two-byte data address The protocol of one-byte data address EEPROM Write: 7 bit slave address 8 bit data addr 8 bit data Read: 7 bit slave address 8 bit data addr 7 bit slave address 8 bit data Figure 9.1 Protocol Format for EEPROM with One Byte Data Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |