Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT231XS-R Datasheet(PDF) 31 Page - Future Technology Devices International Ltd.

Part # FT231XS-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XS-R Datasheet(HTML) 31 Page - Future Technology Devices International Ltd.

Back Button FT231XS-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT231XS-R Datasheet HTML 35Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
31
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
FT231X
CBUS[0...3]
CBUS[0...3]
VCCIO
TX
TXLED#
RXLED#
RX
270R
270R
Figure 7.7 Dual LED Configuration
An example of using the FT231X to drive LEDs is shown in Figure 7.7. In this application one of the CBUS
pins is used to indicate transmission of data (TXLED#) and another is used to indicate receiving data
(RXLED#). When data is being transmitted or received the respective pins will drive from tri-state to low
in order to provide indication on the LEDs of data transfer. A digital one-shot is used so that even a small
percentage of data transfer is visible to the end user.
FT231X
CBUS [0...3]
TX& RXLED#
270R
VCCIO
LED
Figure 7.8 Single LED Configuration
Another example of using the FT231X to drive LEDs is shown in Figure 7.8. In this example one of the
CBUS pins is used to indicate when data is being transmitted or received by the device (TX&RXLED). In
this configuration the FT231X will drive only a single LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com