Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT230XS-R Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT230XS-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT230XS-R Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT230XS-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Copyright © Future Technology Devices International Limited
5
FT230X USB TO BASIC UART IC
Version 1.4
Document No.: FT_000566 Clearance No.: FTDI# 260
Table of Contents
1
Typical Applications...................................................................... 2
1.1
Driver Support .................................................................................... 2
1.2
Part Numbers...................................................................................... 2
1.3
USB Compliant .................................................................................... 3
2
FT230X Block Diagram ................................................................. 4
3
Device Pin Out and Signal Description.......................................... 7
3.1
16-LD QFN Package ........................................................................... 7
3.1.1
QFN Package PinOut Description ....................................................................................7
3.2
16-LD SSOP Package.......................................................................... 9
3.2.1
SSOP Package PinOut Description ..................................................................................9
3.3
CBUS Signal Options ......................................................................... 11
4
Function Description................................................................... 13
4.1
Key Features..................................................................................... 13
4.2
Functional Block Descriptions ........................................................... 13
5
Devices Characteristics and Ratings ........................................... 16
5.1
Absolute Maximum Ratings............................................................... 16
5.2
ESD and Latch-up Specifications....................................................... 16
5.3
DC Characteristics............................................................................. 17
5.4
MTP Memory Reliability Characteristics ............................................ 21
5.5
Internal Clock Characteristics........................................................... 21
6
USB Power Configurations.......................................................... 22
6.1
USB Bus Powered Configuration ...................................................... 22
6.2
Self Powered Configuration .............................................................. 23
6.3
USB Bus Powered with Power Switching Configuration .................... 24
7
Application Examples ................................................................. 25
7.1
USB to RS232 Converter ................................................................... 25
7.2
USB to RS485 Coverter ..................................................................... 26
7.3
USB to RS422 Converter ................................................................... 27
7.4
USB Battery Charging Detection ....................................................... 28
7.5
LED Interface.................................................................................... 31
8
Internal MTP Memory Configuration........................................... 32
8.1
Default Values .................................................................................. 32
8.2
Methods of Programming the MTP Memory....................................... 33
8.2.1
Programming the MTP memory over USB...................................................................... 33
8.3
Memory Map ..................................................................................... 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com