| Electronic Components Datasheet Search |
|
FT221XS-R Datasheet(PDF) 30 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT221XS-R Datasheet(HTML) 30 Page - Future Technology Devices International Ltd. |
|
30 / 45 page ![]() Copyright © 2013 Future Technology Devices International Limited 30 FT221X USB 8-BIT SPI/FT1248 IC Datasheet Version 1.3 Document No.: FT_000630 Clearance No.: FTDI# 263 8 Application Examples The following sections illustrate possible applications of the FT221X. The illustrations have omitted pin numbers for ease of understanding since the pins differ between the FT221XS and FT221XQ package options. 8.1 USB to FT1248 Converter Figure 8.1 Application Example showing USB to FT1248 host NOTE: ALL IO LINES SHOULD HAVE A 10k PULL UP TO VCCIO The FT1248 can be used with 1-bit, 2-bit, 4-bit or 8-bit wide data. The Figure 8.1 is showing 8 bit mode. By using 8 data bits you need fewer clock cycles to get the data across. The FT221X is the slave device and the external FPGA/MCU is the bus master. The FT221X will auto detect the bus width from the initial command byte sent by the controller. If not using all 8 data lines the pins may be left unterminated as an internal pull-up ensures the device detects a logic 1. Timing diagrams for 8-bit accesses can be seen in figures 8.2 and 8.3. For further information on the mode see AN_167 FT1248 Basics from the FTDI website. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |