Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM258D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM258D
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM258D Datasheet(HTML) 1 Page - STMicroelectronics

  LM258D Datasheet HTML 1Page - STMicroelectronics LM258D Datasheet HTML 2Page - STMicroelectronics LM258D Datasheet HTML 3Page - STMicroelectronics LM258D Datasheet HTML 4Page - STMicroelectronics LM258D Datasheet HTML 5Page - STMicroelectronics LM258D Datasheet HTML 6Page - STMicroelectronics LM258D Datasheet HTML 7Page - STMicroelectronics LM258D Datasheet HTML 8Page - STMicroelectronics LM258D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
s INTERNALLY FREQUENCY COMPENSATED
s LARGE DC VOLTAGE GAIN: 100dB
s WIDE BANDWIDTH (unity gain): 1.1MHz
(temperature compensated)
s VERY LOW SUPPLY CURRENT/OP (500µA)
ESSENTIALLY INDEPENDENT OF SUPPLY
VOLTAGE
s LOW INPUT BIAS CURRENT: 20nA
(temperature compensated)
s LOW INPUT OFFSET VOLTAGE: 2mV
s LOW INPUT OFFSET CURRENT: 2nA
s INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GROUND
s DIFFERENTIAL INPUT VOLTAGE RANGE
EQUAL TO THE POWER SUPPLY VOLTAGE
s LARGE OUTPUT VOLTAGE SWING 0V TO
(Vcc - 1.5V)
DESCRIPTION
These circuits consist of two independent, high
gain, internally frequency compensated which
were designed specifically to operate from a sin-
gle power supply over a wide range of voltages.
The low power supply drain is independent of the
magnitude of the power supply voltage.
Application areas include transducer amplifiers,
dc gain blocks and all the conventional op-amp
circuits which now can be more easily implement-
ed in single power supply systems. For example,
these circuits can be directly supplied with the
standard +5V which is used in logic systems and
will easily provide the required interface electron-
ics without requiring any additional power supply.
Inthe linear mode the input common-mode voltage
range includes ground and the output voltage can
also swing to ground, even though operated from
only a single power supply voltage.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
S = Small Outline Package (miniSO) only available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape
&Reel (PT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
NS
D
P
LM158,A
-55°C, +125°C
••
•
LM258,A
-40°C, +105°C
••
•
LM358,A
0°C, +70°C
••
•
•
Example : LM258N
N
DIP8
(Plastic Package)
D & S
SO8 & miniSO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1 - Output 1
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
1
2
3
45
6
7
8
-
+
-
+
LM158,A-LM258,A
LM358,A
LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003


Similar Part No. - LM258D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM258D MOTOROLA-LM258D Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258D ONSEMI-LM258D Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM258D PHILIPS-LM258D Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM258D STMICROELECTRONICS-LM258D Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM258D STMICROELECTRONICS-LM258D Datasheet
271Kb / 16P
Low Power Dual Operational Amplifiers
More results

Similar Description - LM258D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com