Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPV4809DA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPV4809DA
Description  1W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV4809DA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPV4809DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV4809DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV4809DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPV 24V & 48V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
SIP Package
Single output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Dual output variants
14 PIN DIP
Pin
Function
1-Vin
7
NC
8+Vout
90V
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1+Vin
2-Vin
5-Vout
60V
7+Vout
RECOMMENDED FOOTPRINT DETAILS
14Pin DIP Package
7Pin SIP Package
TUBE OUTLINE DIMENSIONS
14Pin DIP Tube
7Pin SIP Tube
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin DIP) : 520mm ±2mm.
Tube Quantity : 25PCS
9.30
5.00
12.00
5.10
0.65
2.54
6 孔
1.00
1.15 6 HOLES
2.54
1.15
1.00
5 孔
5 HOLES
Pin not fitted on single output variants.All dimensions in mm ±0.25mm.
*7.70for 48V variants
**7.50 for 48V variants
All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight:2.11g(DIP and SIP)
0.30
0.20
15.24
1.25
2.54
YYWW
TPV2415S
19.50
0.55
0.45
TPV2415D
YYWW
19.50
4.60
3.60
2.54
2.13
15.24
0.55
0.45
1
7
8
9
10
14
1 2
5
6
7
1.88±0.50
9.80
6.80
6.00
10.00
0.45
0.55
3.60
4.60
1.09
7.62
0.20
0.30
*
*
*
*
*
bottom view
bottom view
TOPPOWER
TOPPOWER
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com