Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0509DA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPA0509DA
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA0509DA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPA0509DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA0509DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA0509DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPA 3.3V, 5V, 12V&15V Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.4g (DIP) 2.1g (SIP)
*Pin not fitted on single output variants
REMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300ºC for 10 seconds. Both SIP and DIP types in this series are backward
compatible with Sn/Pb soldering systems.
MECHANICAL DIMENSIONS
PIN CONNECTIONS
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11*
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
2.54
1.15
1.00 5 孔
HOLES
14 Pin DIP Package
7 Pin SIP Package
14Pin DIP Tube
7Pin SIP Tube
9.30
5.00
12.00
5.05
0.65
SIP Package
Tube length (14 Pin DIP) : 520mm±2mm.
Tube Quantity : 25PCS
2.54
6 孔
1.00
1.15
HOLES
2.54
0.55
0.45
10.00
6.00
7.62
1.09
6.80
9.80
1.54
2.52
0.30
0.20
12.70
1.25
4.60
3.60
YYWW
TPA1205S
19.50
0.55
0.45
TPA1205D
YYWW
19.50
4.60
3.60
2.54
0.55
0.45
1
7
8
9
11
14
1 2
45
6
0.30
0.20
2.13
15.24
*
bottom view
bottom view
TOPPOWER
TOPPOWER
DIP Package
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com