Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP_TNETV1050 Datasheet(PDF) 1 Page - Texas Instruments

Part # IP_TNETV1050
Description  IP Phone Solution
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IP_TNETV1050 Datasheet(HTML) 1 Page - Texas Instruments

  IP_TNETV1050 Datasheet HTML 1Page - Texas Instruments IP_TNETV1050 Datasheet HTML 2Page - Texas Instruments IP_TNETV1050 Datasheet HTML 3Page - Texas Instruments IP_TNETV1050 Datasheet HTML 4Page - Texas Instruments IP_TNETV1050 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IP Phone Solution
TNETV1050
Product Bulletin
Texas Instruments’ TNETV1050
IP Phone Solution is composed
of an integrated silicon platform,
featuring the market leading
programmable TMS320C55x™
Digital Signal Processor (DSP)
and a MIPS32™ 4KEc™ processor,
combined with the field-proven
VoIP Telogy Software™ product.
TI’s TNETV1050 IP Phone
solution leverages TI’s investment
in communication processors for
VoIP and broadband applications
to provide the superior processing
horsepower needed to support
current and evolving IP phone
standards, as well as the addition
of advanced functionality.
One of the unique features
of TI’s IP Phone solution is the
accompanying starter kit. The
starter kit includes the software
development license, software
training and complete IP Phone
reference design for immediate
demonstration and development.
Telogy Software for IP Phone
Applications
Telogy Software provides an
efficient framework for real-time
voice processing that has been
pre-integrated and rigorously
tested. The complete DSP solution
feature set includes: PCM reception,
tone generation, acoustic echo
cancellation, voice activity detection,
voice playout, and a variety of voice
compression options. The solutions
are provided in several packages to
allow customization for a full range
of phone products.
The Telogy microprocessor
software, along with third party
components, offers a toolkit with
a variety of functions to support
IP Phone implementations. This
includes voice applications services
that access DSP services and support
APIs necessary for implementation
of call processing features. Sample
code for device drivers and network
management is provided. Additional
packages include full signaling services
with standard network protocols, SIP,
H.323, and MGCP. Figure 1 shows the
IP phone software architecture.
The TNETV1050 IP Phone
product provides the functionality
required for today's executive
enterprise desktop speakerphones.
It includes acoustic echo cancellation
for full duplex speakerphone capabil-
ity (when used in a properly
designed enclosure), support for
three-way conferencing and support
for low bit rate and wideband codecs.
Silicon Solution
The IP Phone Solution includes a
programmable TI C55x™ DSP for
optimal IP Phone voice processing
and signal processing features. The
MIPS32 4KEc processor provides a
standards based RISC architecture
for customer ease in feature develop-
ment and integration with Telogy
Software services. The three port
line rate internal Ethernet Switch
with dual MAC and PHY provides
support for IP Phone and PC
connectivity to the Ethernet LAN.
The IP Phone processor has a USB
1.1 controller and PHY that support
either USB host or peripheral. The
USB interface; allows for a wide vari-
ety of possible devices to connect to
the phone for user value add. These
devices support applications such as
card readers, fingerprint recognition,
PDA synchronization, video confer-
encing, etc.
The TNETV1050 also supports
TI’s VLYNQ™ interface; a low cost,
low pin count and low complexity
chip-to-chip serial interface. VLYNQ
makes it easy to add off-chip co-
processors and peripheral capability
to the phone. VLYNQ enables the
customer to bring in value-added
features such as video/multimedia,
wireless connectivity, security,
speech recognition and more.
R EAL
W ORLD
S IGNAL
P ROCESSING
™
Key Features:
• Leverages proven TI DSP
technology, featuring
- Code compatibility
- Advanced process technology
- Production facilities
• Field-proven Telogy Software™
with enhanced QOS,
interoperability, and remote
monitoring
• Expandable solution
supporting next generation
IP phone applications
• Pre-integrated RTOS and
Network protocol stacks
(SIP, H.323, MGCP) enabling
rapid implementation of
customer’s unique features
and services
• Most comprehensive feature set
• Largest installed base worldwide
of IP phone solutions
• World class technical support
• Industry leading in indemnification
program with broad patent
portfolio


Similar Part No. - IP_TNETV1050

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPBT SAMTEC-IPBT Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
IPBT-102-H1-T-D-GP SAMTEC-IPBT-102-H1-T-D-GP Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
IPBT-102-H1-T-D-K SAMTEC-IPBT-102-H1-T-D-K Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
IPBT-102-H1-T-D-RA SAMTEC-IPBT-102-H1-T-D-RA Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
IPBT-102-H1-T-S-GP SAMTEC-IPBT-102-H1-T-S-GP Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
More results

Similar Description - IP_TNETV1050

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8301 AGERE-T8301 Datasheet
1Mb / 190P
T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
December 2000
logo
Broadcom Corporation.
BCM1115 BOARDCOM-BCM1115 Datasheet
169Kb / 2P
SINGLE PORT ENTERPRISE IP PHONE CHIP
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
ENTERPRISE IP PHONE CHIP
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
LOW-COST IP PHONE CHIP
logo
Level One
VOI-7010 LVL1-VOI-7010 Datasheet
114Kb / 3P
The LevelOne VOI-7010 IP Phone allows for telephony
logo
Bothhand USA, LP.
VP2009-LF BOTHHAND-VP2009-LF Datasheet
103Kb / 2P
Designed for IP phone or switch applications.
VP8019M-HF BOTHHAND-VP8019M-HF Datasheet
133Kb / 2P
Designed to for IP phone or switch applications.
VP2009M-HF BOTHHAND-VP2009M-HF Datasheet
249Kb / 2P
Designed for IP phone or switch applications.
logo
Infineon Technologies A...
PSB21653E INFINEON-PSB21653E Datasheet
758Kb / 2P
Single-chip IP Phone with Internal GbESwitch
logo
E&E Magnetic Products L...
824-00210 EEMAGNETIC-824-00210 Datasheet
113Kb / 2P
Quad port design for IP phone or IP switch applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com