Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS952621 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952621
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952621 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952621 Datasheet HTML 1Page - Integrated Circuit Systems ICS952621 Datasheet HTML 2Page - Integrated Circuit Systems ICS952621 Datasheet HTML 3Page - Integrated Circuit Systems ICS952621 Datasheet HTML 4Page - Integrated Circuit Systems ICS952621 Datasheet HTML 5Page - Integrated Circuit Systems ICS952621 Datasheet HTML 6Page - Integrated Circuit Systems ICS952621 Datasheet HTML 7Page - Integrated Circuit Systems ICS952621 Datasheet HTML 8Page - Integrated Circuit Systems ICS952621 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS952621
0756A—09/10/04
Pin Configuration
Recommended Application:
CK409 48-pin part
Output Features:
2 - 0.7V current-mode differential CPU pairs
1 - 0.7V current-mode differential CPU pairs for ITP
1 - 0.7V current-mode differential SRC pair
9 - PCI (33MHz), including 3 free running PCI
1 - USB, 48MHz
1 - DOT, 48MHz
2 - REF, 14.318MHz
3 - 3V66, 66.66MHz
1 - 3V66/VCH, selectable 48MHz or 66MHz
Key Specifications:
CPU/SRC outputs cycle-cycle jitter < 125ps
3V66 outputs cycle-cycle jitter < 250ps
PCI outputs cycle-cycle jitter < 250ps
CPU outputs skew: < 100ps
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
Supports tight ppm accuracy clocks for Serial-ATA
Supports spread spectrum modulation, 0 to -0.5%
down spread and +/- 0.25% center spread
Supports CPU clks up to 400MHz in test mode
Uses external 14.318MHz crystal
Supports undriven differential CPU, SRC pair in PD#
and CPU_STOP# for power management.
48-pin SSOP
FS2
B6b5 FS_A FS_B
CPU
MHz
SRC
MHz
3V66
MHz
PCI
MHz
REF
MHz
USB/
DOT
MHz
0
0
100.00 100/200 66.66 33.33 14.318 48.00
0
1
200.00 100/200 66.66 33.33 14.318 48.00
1
0
133.33 100/200 66.66 33.33 14.318 48.00
1
1
166.66 100/200 66.66 33.33 14.318 48.00
0
0
200.00 100/200 66.66 33.33 14.318 48.00
0
1
400.00 100/200 66.66 33.33 14.318 48.00
1
0
266.66 100/200 66.66 33.33 14.318 48.00
1
1
333.33 100/200 66.66 33.33 14.318 48.00
0
1
FS_A/REF1
1
48 VDDA
FS_B/REF0
2
47 GND
VDDREF
3
46 IREF
X1
4
45 CPUCLKT_ITP
X2
5
44 CPUCLKC_ITP
GND
6
43 GND
PCICLK_F0
7
42 CPUCLKT1
PCICLK_F1
8
41 CPUCLKC1
PCICLK_F2
9
40 VDDCPU
VDDPCI 10
39 CPUCLKT0
GND 11
38 CPUCLKC0
PCICLK0 12
37 GND
PCICLK1 13
36 SRCCLKT
PCICLK2 14
35 SRCCLKC
PCICLK3 15
34 VDD
VDDPCI 16
33 VttPWR_GD#
GND 17
32 SDATA
PCICLK4 18
31 SCLK
PCICLK5 19
30 3V66_0
PD# 20
29 3V66_1
48MHz_DOT 21
28 GND
48MHz_USB 22
27 VDD3V66
GND 23
26 3V66_2
VDD48 24
25 3V66_3/VCH
**120K
Ω pull-down


Similar Part No. - ICS952621

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
logo
Renesas Technology Corp
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952623YFLFT RENESAS-ICS952623YFLFT Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
logo
Integrated Circuit Syst...
ICS952623YFT ICST-ICS952623YFT Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
logo
Renesas Technology Corp
ICS952623YGLFT RENESAS-ICS952623YGLFT Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results

Similar Description - ICS952621

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
revision.
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Integrated Circuit Syst...
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
Programmable Timing Control Hub for Next Gen P4 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com