Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM503C1R5 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NDM503C1R5
Description  Thermometrics Epoxy-Coated Chip Thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDM503C1R5 Datasheet(HTML) 2 Page - Amphenol Corporation

  NDM503C1R5 Datasheet HTML 1Page - Amphenol Corporation NDM503C1R5 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R25
W
Material
System
B Value
25/85°C
K
Maximum
Operating
Temperature
°F (°C)
Code
R25°C ± 1%
Code
R25°C ± 2%
Code
R25°C ± 3%
Code
R25°C ± 5%
Code
R25°C ± 10%
1000
2
3540±1%
257(125)
NDM102C2R1
NDM102C2R2
NDM102C2R3
NDM102C2R5
NDM102C2R10
2000
2
3540±1%
257(125)
NDM202C2R1
NDM202C2R2
NDM202C2R3
NDM202C2R5
NDM202C2R10
5000
2
3540±1%
257(125)
NDM502C2R1
NDM502C2R2
NDM502C2R3
NDM502C2R5
NDM502C2R10
1000
2A
3627±1%
257(125)
NDM102C2AR1
NDM102C2AR2
NDM102C2AR3
NDM102C2AR5
NDM102C2AR10
2000
2A
3627±1%
257(125)
NDM202C2AR1
NDM202C2AR2
NDM202C2AR3
NDM202C2AR5
NDM202C2AR10
5000
2A
3627±1%
257(125)
NDM502C2AR1
NDM502C2AR2
NDM502C2AR3
NDM502C2AR5
NDM502C2AR10
2700
1
3977±0.75%
311(155)
NDM272C1R1
NDM272C1R2
NDM272C1R3
NDM272C1R5
NDM272C1R10
5000
1
3977±0.75%
311(155)
NDM502C1R1
NDM502C1R2
NDM502C1R3
NDM502C1R5
NDM502C1R10
10000
1
3977±0.75%
311(155)
NDM103C1R1
NDM103C1R2
NDM103C1R3
NDM103C1R5
NDM103C1R10
30000
1
3977±0.75%
311(155)
NDM303C1R1
NDM303C1R2
NDM303C1R3
NDM303C1R5
NDM303C1R10
50000
1
3977±0.75%
311(155)
NDM503C1R1
NDM503C1R2
NDM503C1R3
NDM503C1R5
NDM503C1R10
10000
4A
3436±1%
311(155)
NDM103C4AR1
NDM103C4AR2
NDM103C4AR3
NDM103C4AR5
NDM103C4RA10
12000
5
3740±1%
257(125)
NDM123C5R1
NDM123C5R2
NDM123C5R3
NDM123C5R5
NDM123C5R10
See separate tables for resistance - temperature data.
0.095 in
(2.4 mm)
max
0.095 in
(2.4 mm)
max
0.195 in (5 mm)
max
0.117 in (3 mm)
max
Ø 0.00787 in (0.2 mm)
2.5 in (65 mm) min
TypeNDMSpecifications
Epoxy-coatedchipthermistor
NTC Type NDM Dimensions
Options
•Otherresistancevalueswithintherangesshown;
e.g.,codeNDM152C2R1for1500
W±1%at
77°F(25ºC)intherangeof32°F(0ºC)uptothe
maximumoperatingtemperature
•Referencetemperatures
•Wirelengths1.181into23.62in(30mmto600
mm)(±1mmor±2%,whicheveristhegreater)
•Otherwirematerials
Data
• Operatingtemperaturerange:-40°Fto311°F
(-40°Cto155°C)
• Thermaltimeconstant:<10s
• Dissipationfactor:2.2mW/K
• Voltageinsulation:500VDC
AAS-920-575B - 09/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com