Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31015EIG1-R Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSC31015EIG1-R Datasheet HTML 1Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 2Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 3Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 4Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 5Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 6Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 7Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 8Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
© 2016 Integrated Device Technology, Inc
5
November 14, 2016
ZSC31015 Datasheet
List of Figures
Figure 2.1
ZSC31015 Block Diagram ..................................................................................................................13
Figure 2.2
DAC Output Timing for Highest Update Rate.....................................................................................18
Figure 3.1
General Working Mode.......................................................................................................................24
Figure 3.2
Manchester Duty Cycle.......................................................................................................................25
Figure 3.3
19-Bit Write Frame..............................................................................................................................26
Figure 3.4
Read Acknowledge.............................................................................................................................26
Figure 3.5
Digital Output (NOM) Bridge Readings ..............................................................................................27
Figure 3.6
Digital Output (NOM) Bridge Readings with Temperature .................................................................27
Figure 3.7
Read EEPROM Contents ...................................................................................................................28
Figure 3.8
Transmission of a Number of Data Packets .......................................................................................28
Figure 3.9
ZACwire™ Output Timing for Lower Update Rates............................................................................29
Figure 4.1
Rail-to-Rail Ratiometric Voltage Output
– Temperature Compensation via External Diode ..............42
Figure 4.2
Absolute Analog Voltage Output
– Temperature Compensation via Internal Temperature PTAT with
External JFET Regulation...................................................................................................................43
Figure 4.3
Ratiometric Output, Temperature Compensation via Internal Diode..................................................44
Figure 5.1
EEPROM Validation and Restoration Procedure ...............................................................................46
Figure 6.1
ZSC31015 Pin-Out Diagram...............................................................................................................47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com