Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301201 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd 301201 Datasheet HTML 7Page - TE Connectivity Ltd 301201 Datasheet HTML 8Page - TE Connectivity Ltd 301201 Datasheet HTML 9Page - TE Connectivity Ltd 301201 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
408-1559
Rev U
6 of 10
4. INSULATION CRIMP ADJUSTMENT
The insulation crimp section of the hand tool has three positions: 1 (tight), 2 (medium), and 3 (loose) to adjust
the wire insulation crimp grip. To adjust the insulation grip, proceed as follows:
4.1. PIDG Terminals and Splices and PIDG FASTON Receptacles
NOTE
PIDG terminals and splices feature a wire insulation “grip”.
1. Insert the insulation crimp adjustment pins into Position 3. Refer to Figure 1.
CAUTION
Make sure that both insulation crimp adjustment pins are in the same position.
2. Place a terminal or splice into the tool jaws as shown in Figure 4 or Figure 5.
3. Insert UNSTRIPPED wire into ONLY the insulation barrel of the terminal or splice.
4. Close the tool handles to complete the crimp.
5. Remove the crimped terminal or splice and check the insulation crimp by bending the wire back and
forth once. The terminal or splice should retain its grip on the wire insulation. If the wire pulls out, set
BOTH insulation crimp adjustment pins to the next higher position (2).
6. Perform another crimp, and repeat the adjustment as necessary until the correct insulation grip is
attained. DO NOT use a tighter setting than required.
4.2. PLASTI-GRIP Terminals and Splices
NOTE
PLASTI-GRIP terminals and splices feature a wire insulation “support”. The terminal or splice insulation should ideally be in
contact with the wire insulation.
Set the insulation crimp adjustment pins into position according to the following:
— 3 for wire having a large insulation diameter
— 2 for wire having a medium insulation diameter
— 1 for wire having a small insulation diameter
CAUTION
Make sure that both insulation crimp adjustment pins are in the same position.
5. MAINTENANCE AND INSPECTION
Hand crimping tools are inspected before shipment. The tool received should be inspected immediately upon
arrival to ensure that the tool has not been damaged during shipment, and that it performs according to the
criteria described in this sheet. If a tool is damaged upon arrival, retain the shipping container, file a claim with
the carrier, and notify TE immediately.
5.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants from the tool with a clean brush or a soft, lint-free
cloth. DO NOT use objects that could damage the tool.
2. Make sure that the proper retaining pins are in place and are secured with the proper retaining rings.
3. Make certain that all pins, pivot points, and bearing surfaces are protected with a THIN coat of any
good SAE 20 motor oil. DO NOT oil excessively.
4. When the tool is not in use, keep the handles closed to prevent objects from becoming lodged in the
crimping areas and store the tool in a clean, dry area.
5.2. Periodic Inspection
Regular inspections should be performed by quality control personnel. A record of scheduled inspections
should remain with the tool or be supplied to supervisory personnel responsible for the tool. Though



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com