Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8643ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8643ACPZ-R2
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8643ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8643ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 8 of 15
–600
–400
–200
–300
–500
0
–100
200
100
400
300
600
500
–5
0
–15
–10
5
10
15
OUTPUT VOLTAGE (V)
10k
Ω 1kΩ
100k
Ω
VSY = ±13V
Figure 19. Input Error Voltage vs. Output Voltage for Resistive Loads
–350
–250
–150
–200
–300
–50
–100
50
0
150
100
250
200
0
50
100
150
200
250
300
350
OUTPUT VOLTAGE FROM SUPPLY RAIL (mV)
RL = 1kΩ
POS RAIL
NEG RAIL
RL = 10kΩ
RL = 2kΩ
RL = 100kΩ
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
RL = 2kΩ
VSY = ±5V
Figure 20. Input Error Voltage vs. Output Voltage
Within 300 mV of Supply Rails
0
100
200
300
400
500
600
700
800
4
8
12
16
20
24
28
VSY (V)
+25°C
–55°C
+125°C
Figure 21. Quiescent Current vs. Supply Voltage at Different Temperatures
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–
VSY – VOL
VSY – VOH
VSY = ±13V
Figure 22. Output Saturation Voltage vs. Load Current
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VOL
VSY – VOH
VSY = 5V
Figure 23. Output Saturation Voltage vs. Load Current
–30
–135
–90
–45
0
45
90
135
180
225
270
315
–20
–10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
GAIN
PHASE
VSY = ±13V
RL = 2kΩ
CL = 40pF
FREQUENCY (Hz)
Figure 24. Open-Loop Gain and Phase Margin vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com