Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM79 Datasheet HTML 17Page - National Semiconductor (TI) LM79 Datasheet HTML 18Page - National Semiconductor (TI) LM79 Datasheet HTML 19Page - National Semiconductor (TI) LM79 Datasheet HTML 20Page - National Semiconductor (TI) LM79 Datasheet HTML 21Page - National Semiconductor (TI) LM79 Datasheet HTML 22Page - National Semiconductor (TI) LM79 Datasheet HTML 23Page - National Semiconductor (TI) LM79 Datasheet HTML 24Page - National Semiconductor (TI) LM79 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Functional Description (Continued)
8.0 THE LM79 INTERRUPT STRUCTURE
Figure 12 depicts the Interrupt Structure of the LM79. The
LM79 can generate Interrupts as a result of each of its
internal WATCHDOG registers on the analog, temperature,
and fan inputs. Overflow of the POST RAM (greater than 32
bytes written to POST RAM) will also cause an Interrupt.
External Interrupts can come from the following three
sources. While the labels suggest a specific type or source
of Interrupt, these labels are not restrictions of their usage,
and they could come from any desired source:
•
BTI:
This is an active low Interrupt intended to come
from the O.S. output of LM75 temperature sensors. The
LM75 O.S. output goes active when its temperature ex-
ceeds a programmed threshold. Up to 8 LM75’s can be
connected to a single Serial Bus bus with their O.S.
output’s wire or’d to the BTI input of the LM79. If the
temperature of any LM75 exceeds its programmed limit,
it drives BTI low. This generates an Interrupt to notify the
host of a possible overtemperature condition. Provides
an internal pull-up of 10 k
Ω.
DS100036-21
FIGURE 12. Interrupt Structure
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com