Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 42 of 50
LAYOUT GUIDELINES
PHYSICAL IMPLEMENTATION OF GUARDING
TECHNIQUES
In the Guarding section, guarding was introduced as a tech-
nique fundamental to high impedance work. The goal of
guarding is to completely surround the insulation of high
impedance node with another conductor that is driven to the
guard voltage. This ideal is impossible to achieve in practice;
however, there are several practical structures that provide good
performance.
GUARD RING
A guard ring is a structure typically used to implement the
guarding technique on the surface of the PCB. A simplified
layout of the buffer circuit implements the guard ring around
the high impedance (A) trace (see Figure 121). The output of
the voltage sensor is wired directly to the A and B pads in
Figure 121. The guard ring is a filled copper shape that
completely surrounds the high impedance (A) trace from the
sensor connection to the noninverting input (Pin 1). The guard
ring is driven directly from the ADA4530-1 guard buffer (Pin 2)
through a thermal relief shape connection. It is not necessary to
connect the other guard buffer output (Pin 7).
The solder mask was removed from the high impedance trace
and the guard trace to ensure that the guard makes electrical
contact with any surface leakage paths. For the same reason,
avoid printing any silkscreen in this section.
VOUT
V–
V+
B
A
GUARD
RF
GND
C+
C–
RS
ADA4530-1
Figure 121. Buffer Circuit Layout
There is not a large amount of exposed insulation between the
A trace and the guard ring. It is often counterproductive to
increase this spacing to try to increase the insulation resistance
because the exposed insulator tends to accumulate surface
charges generated from piezoelectric or triboelectric effects.
These charges are eventually swept across the insulator toward
the high impedance conductor. The magnitude of this error
current is dependent on the area of the exposed high
impedance insulation. A gap of 15 mil between the A trace and
the guard ring is sufficient.
Another simplified layout demonstrates the implementation of
a guard ring in the TIA circuit (see Figure 122). The guard ring
is implemented in the same manner as the buffer circuit. The
primary difference is that the left half of the feedback resistor
(RF) and feedback capacitor (CF) are connected to the high
impedance node. The guard ring shape is extended around
these passive components to ensure that the entire high
impedance node is surrounded by guard. The guard ring is
directly driven from the ADA4530-1 guard buffer (Pin 7).
ADA4530-1
VOUT
V–
V+
B
A
GUARD
RF
CF
GND
C+
C–
Figure 122. TIA Circuit Layout
The guard voltage in the TIA circuit is nominally equal to the B
voltage, which makes it possible to drive the guard ring directly
from the B voltage without using the ADA4530-1 guard buffer.
When implementing the guard ring this way, do not make any
connection to the guard buffer outputs (Pin 2 and Pin 7).
GUARD PLANE
A guard plane is a structure used to implement the guarding
technique through the bulk of the PCB. The structure of the
guard plane is shown in a cross section of the PCB (see Figure 123).
The guard plane is a filled copper shape that is placed directly
below the high impedance (A) trace. This plane is connected to
the guard ring on the surface layer with vias.
If the circuit board is constructed using high performance PCB
laminates such as Rogers 4350B, a hybrid stackup is required for
mechanical strength. The outside layers are ceramic, whereas the
core layers are conventional glass epoxy laminate. It is important to
place the guard shield on the boundary of the ceramic and glass
epoxy materials to protect the high impedance node from the
poor dielectric relaxation characteristics of the glass epoxy
materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com