Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4637-1ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4637-1ACPZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4637-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. F | Page 4 of 20
B Grade
A Grade
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
Settling Time to 0.01%
tS
ADA4627-1
VIN = 10 V step, CL = 35 pF,
RL = +1 kΩ, AV = −1
550
550
ns
ADA4637-1
VIN = 10 V step, CL = 35 pF,
RL = +1 kΩ, AV = −4
300
300
ns
Settling Time to 0.1%
tS
ADA4627-1
VIN = 10 V step, CL = 35 pF,
RL = +1 kΩ, AV = −1
450
450
ns
ADA4637-1
VOUT = 10 V step, CL = 35 pF,
RL = +1 kΩ, AV = −4
200
200
ns
Gain Bandwidth Product
GBP
ADA4627-1
RL = 1 kΩ, CL = 20 pF, AV = 1
164
19
164
19
MHz
ADA4637-1
AV = 10
79.9
79.9
Phase Margin
ΦM
ADA4627-1
RL = 1 kΩ, CL = 20 pF, AV = 1
72
72
Degrees
ADA4637-1
AV = 10
85
85
Total Harmonic
Distortion + Noise
THD + N
VIN = 6 V rms, f = 1 kHz, AV = 1,
ADA4627-1
0.000045
0.000045
%
POWER SUPPLY
Supply Current per
Amplifier
ISY
IO = 0 mA
±7.0
±7.5
±7.0
±7.5
mA
−40°C ≤ TA ≤ +125°C
±7.8
±7.8
mA
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 1 kΩ to VCM
12.0
12.3
12.0
12.3
V
−40°C ≤ TA ≤ +85°C
11.8
11.8
V
−40°C ≤ TA ≤ +125°C
11.7
11.7
V
Output Voltage Low
VOL
RL = 1 kΩ to VCM
−12.7
−12.3
−12.7
−12.3
V
−40°C ≤ TA ≤ +85°C
−12.1
−12.1
V
−40°C ≤ TA ≤ +125°C
−12.0
−12.0
V
Output Current
IOUT
VO = ±10 V
±45
±45
mA
Short-Circuit Current
ISC
TA = 25°C
+70/−55
+70/−55
mA
Closed-Loop Output
Impedance
ZOUT
f = 1 MHz, AV = −100
41
41
Ω
1
VOS is measured fully warmed up.
2
Tested/extrapolated from 125°C.
3
Rising/falling.
4
Not tested. Guaranteed by simulation and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com