Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4637-1ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4637-1ACPZ-R2
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4637-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—30 V Operation ............................. 3
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation ...................................................................... 14
 
Input Voltage Range................................................................... 14
 
Input Offset Voltage Adjust Range........................................... 14
 
Input Bias Current...................................................................... 14
 
Noise Considerations................................................................. 14
 
THD + N Measurements........................................................... 15
 
Printed Circuit Board Layout, Bias Current, and Bypassing 15
 
Output Phase Reversal............................................................... 15
 
Decompensated Op Amps ........................................................ 16
 
Driving Capacitive Loads.......................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
6/15—Rev. E to Rev. F
Changes to Figure 3.......................................................................... 1
Change to Total Harmonic Distortion + Noise Parameter,
Table 2 ................................................................................................ 4
Changes to Figure 17 and Figure 19............................................... 8
Changes to Figure 52...................................................................... 17
Changes to Ordering Guide .......................................................... 18
1/14—Rev. D to Rev. E
Changes to Output Phase Reversal Section ................................ 15
10/10
—Rev. C to Rev. D
Changes to Figure 1 and General Description Section ............... 1
Changes to Ordering Guide .......................................................... 18
7/10
—Rev. B to Rev. C
Added ADA4637-1.............................................................Universal
Added Figure 2; Renumbered Sequentially .................................. 1
Changes to Table 2.............................................................................3
Change to Table 3 ..............................................................................5
Changes to Typical Performance Characteristics Section ...........6
Updated Outline Dimensions....................................................... 17
Changes to Ordering Guide .......................................................... 18
10/09—Rev. A to Rev. B
Changes to Figure 2...........................................................................1
9/09—Rev. 0 to Rev. A
Changes to General Description Section .......................................1
Changes to Table 2.............................................................................3
Updated Outline Dimensions....................................................... 14
Changes to Ordering Guide .......................................................... 15
7/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com