Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4891-4WARUZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4891-4WARUZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-4WARUZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4891-4WARUZ-R7 Datasheet HTML 1Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 2Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-4WARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Data Sheet
Rev. F | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagrams...................................................................... 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
5 V Operation ............................................................................... 4
3 V Operation ............................................................................... 5
Absolute Maximum Ratings............................................................ 7
Maximum Power Dissipation ..................................................... 7
ESD Caution.................................................................................. 7
Typical Performance Characteristics ............................................. 8
Applications Information .............................................................. 16
Using the ADA4891-1/ADA4891-2/ADA4891-3/
ADA4891-4 ................................................................................. 16
Wideband, Noninverting Gain Operation.............................. 16
Wideband, Inverting Gain Operation ..................................... 16
Recommended Values................................................................ 16
Effect of RF on 0.1 dB Gain Flatness ........................................ 17
Driving Capacitive Loads.......................................................... 18
Terminating Unused Amplifiers .............................................. 19
Disable Feature (ADA4891-3 Only) ......................................... 19
Single-Supply Operation ........................................................... 19
Video Reconstruction Filter...................................................... 20
Multiplexer .................................................................................. 20
Layout, Grounding, and Bypassing.............................................. 21
Power Supply Bypassing............................................................ 21
Grounding................................................................................... 21
Input and Output Capacitance ................................................. 21
Input-to-Output Coupling........................................................ 21
Leakage Currents........................................................................ 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 24
Automotive Products................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com