Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCS2011 Datasheet(PDF) 11 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 7Page - International Rectifier IRMCS2011 Datasheet HTML 8Page - International Rectifier IRMCS2011 Datasheet HTML 9Page - International Rectifier IRMCS2011 Datasheet HTML 10Page - International Rectifier IRMCS2011 Datasheet HTML 11Page - International Rectifier IRMCS2011 Datasheet HTML 12Page - International Rectifier IRMCS2011 Datasheet HTML 13Page - International Rectifier IRMCS2011 Datasheet HTML 14Page - International Rectifier IRMCS2011 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
10
4.4 Encoder Connection
Plug the encoder connector into J2 as shown in Figure 5. Make sure that encoder signals are connected properly.
Incorrect connection of encoder signals will result in improper rotor position and/or incorrect communication. The
shell of the connector is grounded to the chassis for shield termination.
Figure 5. Encoder Connector, J2
4.5 RS232 Connection
Connect the serial cable between the computer COM port and J6 as shown in Figure 6. If there is more than one COM
port, please remember which one you are using. Make sure that the cable is connected properly. Incorrect connection
of the serial cable will result in communication errors and/or incorrect communication. The shell of the connector is
grounded to the chassis for shield termination.
Figure 6. RS232 Connector, J6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com