Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4938-2ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4938-2ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4938-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 13 of 26
10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
29.5
30.5
30.4
30.3
30.2
30.1
30.0
29.9
29.8
29.7
29.6
FREQUENCY (MHz)
Figure 31. Intermodulation Distortion
–20
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
0.1
1000
100
10
1
FREQUENCY (MHz)
VS = +5V
VS = ±5V
Figure 32. VIN CMRR vs. Frequency
–15
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
1
1000
100
10
FREQUENCY (MHz)
RL = 200Ω
Figure 33. Output Balance vs. Frequency
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
0.1
1000
100
10
1
FREQUENCY (MHz)
+PSRR
–PSRR
Figure 34. PSRR vs. Frequency
0
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
1
10
100
1000
FREQUENCY (MHz)
S11
S22
Figure 35. Return Loss (S11, S22) vs. Frequency
1
10
100
–40
–120
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (MHz)
RL = 1kΩ
RL = 200Ω
RL = 100Ω
Figure 36. SFDR vs. Frequency for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com