Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4939-1YCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4939-1YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-1YCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4939-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4939-1/ADA4939-2
Data Sheet
Rev. A | Page 12 of 24
–60
–120
–110
–100
–90
–80
–70
1
10
100
FREQUENCY (MHz)
VOUT, dm =HD2, = 1V p-p
VOUT, dm =HD3, = 1V p-p
VOUT, dm =HD2, = 2V p-p
VOUT, dm =HD3, = 2V p-p
VS = ±1.65V
Figure 25. Harmonic Distortion vs. Frequency at Various Output Voltages
–30
–40
–50
–60
–70
–80
–90
–100
110
1k
100
FREQUENCY (MHz)
RL, dm = 200Ω
Figure 26. PSRR vs. Frequency, RL = 200 Ω
0
–5
–50
–45
–40
–35
–30
–25
–20
–15
–10
1
10
100
1k
FREQUENCY (MHz)
RL, dm = 200Ω
S11
S22
Figure 27. Return Loss (S11, S22) vs. Frequency
–30
–35
–40
–45
–50
–55
–60
–65
–70
110
1k
100
FREQUENCY (MHz)
RL, dm = 200Ω
Figure 28. Output Balance vs. Frequency
70
–10
100
–350
–300
–250
–200
–150
–100
–50
0
50
0
10
20
30
40
50
60
0.01
10k
1k
100
10
1
0.1
FREQUENCY (MHz)
GAIN
PHASE
Figure 29. Open-Loop Gain and Phase vs. Frequency
8
–8
–6
–4
–2
0
2
4
6
060
50
40
30
20
10
TIME (ns)
VIN × 3.16V
VOUT
Figure 30. Overdrive Recovery, G = 3.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com