Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM613IWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613IWM
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613IWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM613IWM Datasheet HTML 1Page - National Semiconductor (TI) LM613IWM Datasheet HTML 2Page - National Semiconductor (TI) LM613IWM Datasheet HTML 3Page - National Semiconductor (TI) LM613IWM Datasheet HTML 4Page - National Semiconductor (TI) LM613IWM Datasheet HTML 5Page - National Semiconductor (TI) LM613IWM Datasheet HTML 6Page - National Semiconductor (TI) LM613IWM Datasheet HTML 7Page - National Semiconductor (TI) LM613IWM Datasheet HTML 8Page - National Semiconductor (TI) LM613IWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM613
Dual Operational Amplifiers, Dual Comparators, and
Adjustable Reference
General Description
The LM613 consists of dual op-amps, dual comparators, and
a programmable voltage reference in a 16-pin package. The
op-amps out-performs most single-supply op-amps by pro-
viding higher speed and bandwidth along with low supply
current. This device was specifically designed to lower cost
and board space requirements in transducer, test, measure-
ment, and data acquisition systems.
Combining a stable voltage reference with wide output swing
op-amps makes the LM613 ideal for single supply transduc-
ers, signal conditioning and bridge driving where large
common-mode-signals are common. The voltage reference
consists of a reliable band-gap design that maintains low dy-
namic output impedance (1
Ω typical), excellent initial toler-
ance (0.6%), and the ability to be programmed from 1.2V to
6.3V via two external resistors. The voltage reference is very
stable even when driving large capacitive loads, as are com-
monly encountered in CMOS data acquisition systems.
As a member of National’s Super-Block™ family, the LM613
is a space-saving monolithic alternative to a multi-chip solu-
tion, offering a high level of integration without sacrificing
performance.
Features
OP AMP
n Low operating current (Op Amp): 300 µA
n Wide supply voltage range: 4V to 36V
n Wide common-mode range: V
− to (V+ − 1.8V)
n Wide differential input voltage: ±36V
n Available in plastic package rated for Military Temp.
Range Operation
REFERENCE
n Adjustable output voltage: 1.2V to 6.3V
n Tight initial tolerance available: ±0.6%
n Wide operating current range: 17 µA to 20 mA
n Tolerant of load capacitance
Applications
n Transducer bridge driver
n Process and mass flow control systems
n Power supply voltage monitor
n Buffered voltage references for A/D’s
Connection Diagrams
Super-Block™ is a trademark of National Semiconductor Corporation.
DS009226-1
Top View
E Package Pinout
DS009226-48
June 1998
© 1999 National Semiconductor Corporation
DS009226
www.national.com


Similar Part No. - LM613IWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM613IWM TI1-LM613IWM Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
LM613IWM/NOPB TI1-LM613IWM/NOPB Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
LM613IWMX TI1-LM613IWMX Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
LM613IWMX/NOPB TI1-LM613IWMX/NOPB Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
More results

Similar Description - LM613IWM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com