Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM613MN Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613MN
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613MN Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM613MN Datasheet HTML 14Page - National Semiconductor (TI) LM613MN Datasheet HTML 15Page - National Semiconductor (TI) LM613MN Datasheet HTML 16Page - National Semiconductor (TI) LM613MN Datasheet HTML 17Page - National Semiconductor (TI) LM613MN Datasheet HTML 18Page - National Semiconductor (TI) LM613MN Datasheet HTML 19Page - National Semiconductor (TI) LM613MN Datasheet HTML 20Page - National Semiconductor (TI) LM613MN Datasheet HTML 21Page - National Semiconductor (TI) LM613MN Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Typical Applications (Continued)
DS009226-41
FIGURE 13. High Speed Level Shifter. Response time is approximately
1.5 µs, where output is either approximately +V or −V.
DS009226-42
FIGURE 14. Low Voltage Regulator. Dropout voltage is approximately 0.2V.
DS009226-43
*10k must be low
t.c. trimpot
FIGURE 15. Ultra Low Noise, 10.00V Reference. Total output noise is typically 14 µV
RMS.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com