Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP2000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDP2000
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP2000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SDP2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.sensirion.com
v5 February 2013
7/10
3.3 Connecting Hose
Sensirion recommends a hose with an inner diameter
of 1/8 to 3/20 inch (3.18 to 3.8mm). Due to the
dynamic measurement principle, a small air flow is
required (Figure 6) which
leads to a dependence on the length of the hose
(Figure 7). Tubes up to 1 m show less than 1 % error
of the measured value (Figure 7).
Figure 6: Typical air flow through the SDP1000 / SDP2000.
Please note: 1 sccm = 1 cm3/min at 0°C and
1013 mbar pressure (1 sccm = 0.001 norm liter).
Figure 7: Influence of the length of the connecting hose on
the accuracy (using 3/16 inch inner diameter).
Example: a 50 Pa difference pressure is shown as
49.8 Pa when using 0.5 m tube with 3/16 inch
diameter.
4
Application Example: A High End Differential Pressure Sensor
Example:
Output Vout : 0…10 Vdc
Range: 0…500 Pa, linear characteristics
Power supply Vsupply: 14.5… 27 Vdc
Component
Value
IC1
LM78L12
IC2
LP2980
SDP
SDP1000
OP1, OP2, OP3
LMC6044
C1
200 nF
C2
2.2 uF
R1
10 k
Ω (5%, 10 ppm)
R2
18 k
Ω (5%, 10 ppm)
R3
1 k
Ω (5%, 10 ppm)
R4
100
R5
6 k
Ω (3x18 kΩ 5%, 10 ppm in
parallel)
R6
10 k
Ω (5%, 10 ppm)
Figure 8: Schematic of a high-end differential pressure transmitter using the SDP1000 / SDP2000. With only a few external
components and no additional calibration the transmitter features an accurate and temperature compensated 0…10 Vdc
output signal. (Component values not valid for SDP1000-L025.)
0
20
40
60
80
100
120
0
20
40
60
80
100
differential pressure [% full scale]
IC1
IC2
Vsupply
5V
+
-
+
-
+
-
5V
12V
Vout
SDP1000 / SDP2000
C1
C2
C1
R1
R1
R2
R3
R1
R1
R4
R6
R5
OP1
OP2
OP3
Vout = (VSDP – 5V * (R3/(R2+R3))) * (R5+R6)/R5
1
2
3
Length of the
connecting hose
Deviation of
Measured Value
0.5 m (20 inch)
- 0.4 %
1.0 m (40 inch)
- 0.8 %
2.0 m (80 inch)
- 1.6 %
4.0 m (160 inch)
- 3.2 %
1
2
3
12V
12V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com