Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8554EEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8554EEE
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8554EEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8554EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 23Page - Maxim Integrated Products MAX8554EEE Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
______________________________________________________________________________________
21
Setting Voltage Positioning
The droop resistor, RDRP (R4) in Figure 2, in series with
the output inductor before the output capacitor, sets the
droop voltage, VDRP. Choose RDRP such that the output
voltage at the maximum load current, including ripple, is
just above the lower limit of the output tolerance:
RDRP introduces some power dissipation, which is
given by:
RDRP should be chosen to handle this power dissipation.
Power MOSFET Selection
The MAX8553/MAX8554 drive external, logic-level, N-
channel MOSFETs as the circuit-switch elements. The
key selection parameters are:
On-resistance (RDS(ON)): The lower, the better.
Maximum drain-to-source voltage (VDSS): This
should be at least 20% higher than the input supply rail
at the high-side MOSFET’s drain.
Gate charges (QG, QGD, QGS): The lower, the better.
Choose the MOSFETs with rated RDS(ON) at VGS = 4.5V.
For a good compromise between efficiency and cost,
choose the high-side MOSFET that has a conduction
loss equal to switching loss at nominal input voltage and
maximum output current (see below). For the low-side
MOSFET, make sure that it does not spuriously turn on
because of the dV/dt caused by the high-side MOSFET
turning on, as this would result in shoot-through current
degrading the efficiency. MOSFETs with a lower QGD to
QGS ratio have higher immunity to dV/dt.
For proper thermal-management design, calculate the
power dissipation at the desired maximum operating
junction temperature, maximum output current, and
worst-case input voltage (for low-side MOSFET, worst
case is at VIN(MAX); for high-side MOSFET, it could be
either at VIN(MIN) or VIN(MAX)). The high-side MOSFET
and low-side MOSFET have different loss components
due to the circuit operation. The low-side MOSFET
operates as a zero voltage switch; therefore, major
losses are: the channel conduction loss (PLSCC), the
body-diode conduction loss (PLSDC), and the gate-
drive loss (PLSDR):
Use RDS(ON) at TJ(MAX):
where VF is the body-diode forward-voltage drop, tDT is
the dead time (~30ns), and fS is the switching frequency.
Because of the zero-voltage switch operation, low-side
MOSFET gate-drive loss occurs as a result of charging
and discharging the input capacitance (CISS). This loss
is distributed among the average DL gate driver’s
pullup and pulldown resistance, RDL (~1.2
Ω), and the
internal gate resistance (RGATE) of the MOSFET (~2
Ω).
The drive power dissipated is given by:
The high-side MOSFET operates as a duty-cycle con-
trol switch and has the following major losses: the
channel conduction loss (PHSCC), the VI overlapping
switching loss (PHSSW), and the drive loss (PHSDR).
The high-side MOSFET does not have body-diode con-
duction loss because the diode never conducts current.
PC
V
f
R
RR
LSDR
ISS
GS
S
GATE
GATE
DL
=×
() ××
+
2
PI
V
t
f
LSDC
LOAD
F
DT
S
=×
×
×
×
2
P
V
V
IR
LSCC
OUT
IN
LOAD
DS ON
=


×
() × ()
1
2
-
PR
I
D DRP
DRP
OUT MAX
()
(
)
=×
()2
R
VV
V
I
DRP
OUT TYP
OUT MIN
RIPPLE
OUT MAX
<
/
()
(
)
()
-
-
2
MAX8553
GND
FSEL
ILIM
REF
EN/HSD
REFIN
V+
POK
VTTR
VTT
PGND
DL
LX
DH
BST
VL
R2
R6
10k
Ω
Q3
2N7002
SDN
R1
VIN
Figure 6. A resistor-divider (R1 and R2) is used to lower the
switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com