Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD443X Datasheet(PDF) 8 Page - OSRAM GmbH

Part # PD443X
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD443X Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button PD443X Datasheet HTML 4Page - OSRAM GmbH PD443X Datasheet HTML 5Page - OSRAM GmbH PD443X Datasheet HTML 6Page - OSRAM GmbH PD443X Datasheet HTML 7Page - OSRAM GmbH PD443X Datasheet HTML 8Page - OSRAM GmbH PD443X Datasheet HTML 9Page - OSRAM GmbH PD443X Datasheet HTML 10Page - OSRAM GmbH PD443X Datasheet HTML 11Page - OSRAM GmbH PD443X Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PD243X, PD353X, PD443X
2006-01-23
8
Functional Description
The block diagram includes 5 major blocks and internal registers
(indicated by dotted lines).
Display Memory consists of a 5 x 8 bit RAM block. Each of the
four 8-bit words holds 7-bits of ASCII data (bits D0–D6) and an
attribute select bit (Bit D6). The fifth 8-bit memory word is used
as a control word register. A detailed description of the control
register and its functions can be found in the Control Word sec-
tion. Each 8-bit word is addressable and can be read from or writ-
ten to.
The Control Logic dictates all of the features of the display
device and is discussed in the Control Word section of this data
sheet.
The Character Generator converts the 7-bit ASCII data into the
proper dot pattern for the 128 characters shown in the character
set chart.
The Clock Source can originate either from the internal oscillator
clock or from an external source—usually from the output of
another display in a multiple module array.
The Display Multiplexer controls all display output to the digit
drivers so no additional logic is required for a display system.
The Column Drivers are connected directly to the display.
The Display has four digits. Each of the four digits is com-prised of
35 LEDs in a 5 x 7 dot array which makes up the alphanumeric
characters.
The intensity of the display can be varied by the Control Word in
steps of 0% (Blank), 25%, 50%, and full brightness.
The Reset pin when activated clears the internal counter. A reset is
usually done after power up and is of very short duration-nanosec-
onds or microseconds. If the reset pin is held low for a longer time
(milliseconds) some or all LEDs in the bottom row may light up. The
appearance of lit LEDs during a “reset” is not an indication of a mal-
functioning part. It is advisable to keep the reset pulse as short as
possible to avoid displaying a row of lit LEDs.
Microprocessor Interface
The interface to the microprocessor is through the address lines.
(A0–A2), the data bus (D0–D7), two chip select lines (CE0, CE1),
and read (RD) and write (WR) lines.
The CE0 should be held low when executing a read, or write oper-
ation. CE1 must be held high.
The read and write lines are both active low. During a valid read
the data input lines (D0–D7) become outputs. A valid write will
enable the data as input lines.
Input Buffering
If a cable length of 6 inches or more is used, all inputs to the display
should be buffered with a tri-state non-inverting buffer mounted as
close to the display as conveniently possible. Recommended
buffers are: 74LS245 for the data lines and 74LS244 for the control
lines.
Block Diagram
Mode Selection
CEO
CE1
RD
WR
Operation
0
1
0
0
None
1
X
X
X
None
X
0
X
X
None
X
X
1
1
None
0=Low logic level, 1=High logic level, X=Don’t care
IDBD5065
(RAM) 4 x 8
Display Memory
Reg
Control
1 x 8
ROM
128 x 5
128 Char
14
and
Mux
Decode
4
Logic
Control
Output
8
OSC
Logic
Multiplexer
Display
Drivers
Column
Latch
Output
3
Row
Drivers
5
1
1
3
15
20
20
Display
3
CLK SEL
XCLK
RST
RD, WR
A0-A2
CE0, CE1
7
8
D0-D7
Data Input Commands
CEO
CE1
RD
WR
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
No Change
0
1
0
1
1
0
0
X
X
X
X
X
X
X
X
Read Digit 0 Data to Bus
0
1
1
0
1
0
0
0
0
1
0
0
1
0
0
($) Written to Digit 0
0
1
1
0
1
0
1
0
1
0
1
0
1
1
1
(W) Written to Digit 1
0
1
1
0
1
1
0
0
1
1
0
0
1
1
0
(f) Written to Digit 2
0
1
1
0
1
1
1
0
0
1
1
0
0
1
1
(3) Written to Digit 3
0
1
1
0
1
0
0
1
X
X
X
X
X
X
X
Char. Written to Digit 0 and
Cursor Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com