Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMPI06G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UMPI06G-AG6-R
Description  CMOS IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMPI06G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UMPI06G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UMPI06G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UMPI06G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UMPI06G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UMPI06
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R139-001.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Range
IN1/IN2
-0.3~3.6
V
Working Temperature Range
TDD
-40~85
°C
Storage Temperature Range
TST
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VDD=3.0V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage
IN1/IN2 Normal working conditions
0.8
3.6
V
Supply Current
IDD
VDD=3.0V
0.4
mA
VDD=0.8V, IOH=5μA
0.7
V
VDD=1.4V, IOH=1mA
1.3
V
VDD=2.7V, IOH=1mA
2.6
V
High-Level Output Voltage
VOH
VDD=3.6V, IOH=1mA
3.5
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com