| Electronic Components Datasheet Search |
|
301201 Datasheet(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
301201 Datasheet(HTML) 5 Page - Tyco Electronics |
|
5 / 9 page ![]() 408- 10029 PIDG and PLASTI- GRIP Terminal and Splice Crimping Heads 5 of 9 Rev B Tyco Electronics Corporation The insulation crimping section of the crimping head has three positions: 1—Tight; 2—Medium; and 3—Loose. Position 3 is for wire having a large insulation diameter; Position 2 is for wire having a medium insulation diameter; and Position 1 is for wire having a small insulation diameter. 1. Perform insulation crimp adjustment by placing adjustment pins in Position 3 (loose), as shown in Figure 5. 2. Crimp the terminal as described in Paragraph 4.1, Terminal Crimping Procedure. 3. Remove crimped terminal from crimping jaws and visually inspect the insulation barrel crimp of the terminal. The insulation barrel crimp should be in contact with and should support the wire insulation. If the insulation barrel crimp does not provide “support” for wire insulation, place adjustment pins in Position 2 (medium) and repeat the crimp procedure. 4. Repeat adjustment as necessary until desired insulation support is obtained. DO NOT use a tighter setting than required. 5. CRIMP INSPECTION Inspect crimped terminals and splices by checking the features described in Figure 6. Use only terminals or splices that meet the conditions shown in the “ACCEPT” column. “REJECT” terminations can be avoided through careful use of instructions in Section 4, and by performing regular head maintenance, as described in Section 6. 6. MAINTENANCE AND INSPECTION To avoid personal injury, ALWAYS disconnect the battery from the tool before performing maintenance or inspection. Tyco Electronics recommends that a maintenance and inspection program be performed periodically to ensure dependable and uniform terminations. The crimping head should be inspected once a month. Frequency of inspection should be adjusted to suit your requirements through experience. Frequency of inspection depends on: 1. The care, amount of use, and handling of the crimping head. 2. The type and size of the product crimped. 3. The degree of operator skill. 4. The presence of abnormal amounts of dust and dirt. 5. Your own established standards. Each crimping head is thoroughly inspected before packaging. Since there is the possibility of crimping head damage during shipment, new crimping heads should be inspected immediately upon arrival at your facility. 6.1. Daily Maintenance Tyco Electronics recommends that each operator be responsible for the following steps of daily maintenance: 1. Remove dust, moisture, and other contaminants with a clean, soft brush, or a lint--free cloth. Do NOT use objects that could damage the head. 2. Make sure that all pins, rings, and other components are in place and secure. To avoid personal injury and damage to the tool, make sure quick pins are properly inserted. 3. Make certain all surfaces are protected with a thin coat of any good SAE 20 motor oil. Do NOT oil excessively. 4. When the head assembly is not in use, store it in a clean dry, area. 6.2. Periodic Inspection Regular inspections should be performed by quality control personnel. A record of scheduled inspections should remain with the crimping heads or be supplied to supervisory personnel responsible for the crimping heads. Though recommendations call for at least one inspection a month, the frequency should be based on amount of use, working conditions, operator training and skill, and your established company policies. These inspections should include a visual inspection (Paragraph 6.3) and a crimping chamber inspection (Paragraph 6.5). 6.3. Visual Inspection 1. Remove all lubrication and accumulated film by immersing the crimping head in a suitable commercial degreaser that will not affect paint or plastic. 2. Make certain all components are in place. If replacements are necessary, refer to Figure 9. 3. Check all bearing surfaces for wear. 4. Inspect crimp area for flattened, chipped, or broken areas. Replace worn or damaged parts. DANGER DANGER |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |