Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS2000-CP Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS2000-CP_15 Datasheet HTML 29Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 30Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 31Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 32Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 33Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 34Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 35Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 36Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
CS2000-CP
DS761F3
35
10.PACKAGE DIMENSIONS
Notes: 1. Reference document: JEDEC MO-187
2. D does not include mold flash or protrusions which is 0.15 mm max. per side.
3. E1 does not include inter-lead flash or protrusions which is 0.15 mm max per side.
4. Dimension b does not include a total allowable dambar protrusion of 0.08 mm max.
5. Exceptions to JEDEC dimension.
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.0433
1.10
A1
0
0.0059
0
0.15
A2
0.0295
0.0374
0.75
0.95
b
0.0059
0.0118
0.15
0.30
4, 5
c
0.0031
0.0091
0.08
0.23
D
0.1181 BSC
3.00 BSC
2
E
0.1929 BSC
4.90 BSC
E1
0.1181 BSC
3.00 BSC
3
e
0.0197 BSC
0.50 BSC
L
0.0157
0.0236
0.0315
0.40
0.60
0.80
L1
0.0374 REF
0.95 REF
--
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
JEDEC 2-Layer
JEDEC 4-Layer
JA
JA
-
-
170
100
-
-
°C/W
°C/W
Junction to Case Thermal Impedance
JC
-30.2
-
°C/W
Junction to Top Thermal Characteristic (Center of Package)
ΨJT
-6
-
°C/W
10L MSOP (3 mm BODY) PACKAGE DRAWING (Note 1)
E
N
1 23
e
b
A1
A2
A
D
SEATING
PLANE
E1
L
SIDE VIEW
END VIEW
TOP VIEW
L1
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com