Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM35H Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM35H
Description  Precision Centigrade Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM35H Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM35H Datasheet HTML 1Page - National Semiconductor (TI) LM35H Datasheet HTML 2Page - National Semiconductor (TI) LM35H Datasheet HTML 3Page - National Semiconductor (TI) LM35H Datasheet HTML 4Page - National Semiconductor (TI) LM35H Datasheet HTML 5Page - National Semiconductor (TI) LM35H Datasheet HTML 6Page - National Semiconductor (TI) LM35H Datasheet HTML 7Page - National Semiconductor (TI) LM35H Datasheet HTML 8Page - National Semiconductor (TI) LM35H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
+35V to −0.2V
Output Voltage
+6V to −1.0V
Output Current
10 mA
Storage Temp.;
TO-46 Package,
−60˚C to +180˚C
TO-92 Package,
−60˚C to +150˚C
SO-8 Package,
−65˚C to +150˚C
TO-220 Package,
−65˚C to +150˚C
Lead Temp.:
TO-46 Package,
(Soldering, 10 seconds)
300˚C
TO-92 and TO-220 Package,
(Soldering, 10 seconds)
260˚C
SO Package (Note 12)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 11)
2500V
Specified Operating Temperature Range: T
MIN to T MAX
(Note 2)
LM35, LM35A
−55˚C to +150˚C
LM35C, LM35CA
−40˚C to +110˚C
LM35D
0˚C to +100˚C
Electrical Characteristics
(Notes 1, 6)
LM35A
LM35CA
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max.)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
Accuracy
T
A=+25˚C
±0.2
±0.5
±0.2
±0.5
˚C
(Note 7)
T
A=−10˚C
±0.3
±0.3
±1.0
˚C
T
A=TMAX
±0.4
±1.0
±0.4
±1.0
˚C
T
A=TMIN
±0.4
±1.0
±0.4
±1.5
˚C
Nonlinearity
T
MIN≤TA≤TMAX
±0.18
±0.35
±0.15
±0.3
˚C
(Note 8)
Sensor Gain
T
MIN≤TA≤TMAX
+10.0
+9.9,
+10.0
+9.9,
mV/˚C
(Average Slope)
+10.1
+10.1
Load Regulation
T
A=+25˚C
±0.4
±1.0
±0.4
±1.0
mV/mA
(Note 3) 0
≤I
L≤1mA
T
MIN≤TA≤TMAX
±0.5
±3.0
±0.5
±3.0
mV/mA
Line Regulation
T
A=+25˚C
±0.01
±0.05
±0.01
±0.05
mV/V
(Note 3)
4V
≤V
S≤30V
±0.02
±0.1
±0.02
±0.1
mV/V
Quiescent Current
V
S=+5V, +25˚C
56
67
56
67
µA
(Note 9)
V
S=+5V
105
131
91
114
µA
V
S=+30V, +25˚C
56.2
68
56.2
68
µA
V
S=+30V
105.5
133
91.5
116
µA
Change of
4V
≤V
S≤30V, +25˚C
0.2
1.0
0.2
1.0
µA
Quiescent Current
4V
≤V
S≤30V
0.5
2.0
0.5
2.0
µA
(Note 3)
Temperature
+0.39
+0.5
+0.39
+0.5
µA/˚C
Coefficient of
Quiescent Current
Minimum Temperature
In circuit of
+1.5
+2.0
+1.5
+2.0
˚C
for Rated Accuracy
Figure 1,I
L=0
Long Term Stability
T
J=TMAX, for
±0.08
±0.08
˚C
1000 hours
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com