Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB519 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB519
Description  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB519 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB519 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB519 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SB519
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -110V(Min)
·
Low Collector Saturation Voltage-
: VCE(sat)= -1.0V(Max.) @IC= -6A
·
Wide area of safe operation
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for general-purpose switching and amplifier
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-150
V
VCEO
Collector-Emitter Voltage
-110
V
VEBO
Emitter-Base Voltage
-8
V
IC
Collector Current-Continuous
-10
A
PC
Collector Power Dissipation
@Tc=25℃
80
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃


Similar Part No. - 2SB519

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB511 ETC-2SB511 Datasheet
48Kb / 1P
LOW FREQUENCY POWER AMP APPLICATIONS
logo
Savantic, Inc.
2SB511 SAVANTIC-2SB511 Datasheet
93Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB511 JMNIC-2SB511 Datasheet
160Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB511 ISC-2SB511 Datasheet
136Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB511 JMNIC-2SB511 Datasheet
160Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SB519

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com