Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LELBMB-34 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LELBMB-34
Description  Compact lightsource in SMT technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMB-34 Datasheet(HTML) 1 Page - OSRAM GmbH

  LELBMB-34 Datasheet HTML 1Page - OSRAM GmbH LELBMB-34 Datasheet HTML 2Page - OSRAM GmbH LELBMB-34 Datasheet HTML 3Page - OSRAM GmbH LELBMB-34 Datasheet HTML 4Page - OSRAM GmbH LELBMB-34 Datasheet HTML 5Page - OSRAM GmbH LELBMB-34 Datasheet HTML 6Page - OSRAM GmbH LELBMB-34 Datasheet HTML 7Page - OSRAM GmbH LELBMB-34 Datasheet HTML 8Page - OSRAM GmbH LELBMB-34 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LE RTDUW S2WN
OSRAM OSTAR Stage
Datasheet
Version 1.0
2016-03-08
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN UX:3; InGaAlP
• Color: red (625 nm); true green (525 nm);
deep blue (453 nm); white (x = 0.31, y = 0.32
acc. to CIE 1931)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°(R; T; D),
130° (UW)
Applications
• Stage lighting
• Mood lighting
• Architectural lighting (effect- and accent
lighting)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN UX:3; InGaAlP
• Farbe: red (625 nm); true green (525 nm);
deep blue (453 nm); weiß (x = 0.31, y = 0.32
nach CIE 1931)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°(R; T; D),
130° (UW)
Anwendungen
• Bühnenbeleuchtung
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung


Similar Part No. - LELBMB-34

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LELBMA-CQ OSRAM-LELBMA-CQ Datasheet
1Mb / 23P
Compact lightsource in SMT technology
More results

Similar Description - LELBMB-34

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2WJAKB-1 OSRAM-LERTDUWS2WJAKB-1 Datasheet
1Mb / 23P
Compact lightsource in SMT technology
LERTDUWS2WPKBMA-1 OSRAM-LERTDUWS2WPKBMA-1 Datasheet
1Mb / 24P
Compact lightsource in SMT technology
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-BA-Q6WM OSRAM-LE-BA-Q6WM Datasheet
754Kb / 18P
compact lightsource in SMT
LE-B-Q8WP OSRAM-LE-B-Q8WP Datasheet
859Kb / 23P
compact lightsource in SMT technology
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-BR-Q7WM OSRAM-LE-BR-Q7WM Datasheet
719Kb / 18P
compact lightsource in SMT
LE-CW-S2LN OSRAM-LE-CW-S2LN Datasheet
531Kb / 22P
compact lightsource in multi chip SMT technology with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com