Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB5734 Datasheet(PDF) 57 Page - Microchip Technology

Part # USB5734
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734 Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB5734 Datasheet HTML 53Page - Microchip Technology USB5734 Datasheet HTML 54Page - Microchip Technology USB5734 Datasheet HTML 55Page - Microchip Technology USB5734 Datasheet HTML 56Page - Microchip Technology USB5734 Datasheet HTML 57Page - Microchip Technology USB5734 Datasheet HTML 58Page - Microchip Technology USB5734 Datasheet HTML 59Page - Microchip Technology USB5734 Datasheet HTML 60Page - Microchip Technology USB5734 Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
 2015-2016 Microchip Technology Inc.
DS00001854D-page 57
USB5734
Table 3-16, “Configuration 1 PROG_-
FUNC[7:1] Function Assignment,” on
page 20
Updated PROG_FUNC7 name in Configura-
tion 1 - Mixed Mode from SUSP_IND to
USB2_SUSP_IND and clarified description.
Section 3.4.5.6, "Configuration 6 - Full
UART Mode," on page 26
Added note: “When flow control is disabled,
UART_nCTS, UART_nDCD, and
UART_nDSR must not be left floating. In this
case, these pins should include external pull-
downs to maintain UART communication in
Full UART Mode with no flow control.”
Section 8.2, "FlexConnect," on
page 36
Updated second paragraph to clarify proper
FLEXCONNECT operation.
Section 8.5, "Remote Wakeup Indica-
tor," on page 38
Updated SUSP_IND to USB2_SUSP_IND
and clarified the function is for USB2.0 only.
DS00001854A (12-15-14)
All
Initial Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com