Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM29 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM29
Description  3-Terminal Positive Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM29 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM29 Datasheet HTML 1Page - National Semiconductor (TI) LM29 Datasheet HTML 2Page - National Semiconductor (TI) LM29 Datasheet HTML 3Page - National Semiconductor (TI) LM29 Datasheet HTML 4Page - National Semiconductor (TI) LM29 Datasheet HTML 5Page - National Semiconductor (TI) LM29 Datasheet HTML 6Page - National Semiconductor (TI) LM29 Datasheet HTML 7Page - National Semiconductor (TI) LM29 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
Operating Range
26V
Overvoltage Protection
40V
Reverse Voltage (100 ms)
−12V
Reverse Voltage (DC)
−6V
Internal Power Dissipation (Note 2)
Internally Limited
Operating Temperature Range
−40˚C to +85˚C
Maximum Junction Temperature
125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
230˚C
Electrical Characteristics (Note 3)
LM2930-5.0 V
IN=14V, IO=150 mA, Tj=25˚C (Note 6), C2=10 µF, unless otherwise specified
Tested
Design
Parameter
Conditions
Typ
Limit
Limit
Unit
(Note 4)
(Note 5)
Output Voltage
5
5.3
V
MAX
4.7
V
MIN
6V
≤V
IN≤26V, 5 mA≤IO≤150 mA
5.5
V
MAX
−40˚C
≤T
J≤125˚C
4.5
V
MIN
Line Regulation
9V
≤V
IN≤16V, IO=5 mA
7
25
mV
MAX
6V
≤V
IN≤26V, IO=5mA
30
80
mV
MAX
Load Regulation
5 mA
≤I
O≤150 mA
14
50
mV
MAX
Output Impedance
100 mA
DC &10mArms, 100 Hz−10 kHz
200
m
Ω
Quiescent Current
I
O=10 mA
4
7
mA
MAX
I
O=150 mA
18
40
mA
MAX
Output Noise Voltage
10 Hz−100 kHz
140
µV
rms
Long Term Stability
20
mV/1000 hr
Ripple Rejection
f
O=120 Hz
56
dB
Current Limit
400
700
mA
MAX
150
mA
MIN
Dropout Voltage
I
O=150 mA
0.32
0.6
V
MAX
Output Voltage Under
−12V
≤V
IN≤40V, RL=100Ω
5.5
V
MAX
Transient Conditions
−0.3
V
MIN
Electrical Characteristics (Note 3)
LM2930-8.0 (V
IN=14V, IO=150 mA, Tj=25˚C (Note 6), C2=10 µF, unless otherwise specified)
Tested
Design
Parameter
Conditions
Typ
Limit
Limit
Unit
(Note 4)
(Note 5)
Output Voltage
8
8.5
V
MAX
7.5
V
MIN
9.4V
≤V
IN≤26V, 5 mA≤IO≤150 mA,
8.8
V
MAX
−40˚C
≤T
J≤125˚C
7.2
V
MIN
Line Regulation
9.4V
≤V
IN≤16V, IO=5mA
12
50
mV
MAX
9.4V
≤V
IN≤26V, IO=5 mA
50
100
mV
MAX
Load Regulation
5 mA
≤I
O≤150 mA
25
50
mV
MAX
Output Impedance
100 mA
DC &10mArms, 100 Hz−10 kHz
300
m
Ω
Quiescent Current
I
O=10 mA
4
7
mA
MAX
I
O=150 mA
18
40
mA
MAX
Output Noise Voltage
10 Hz−100 kHz
170
µV
rms
Long Term Stability
30
mV/1000 hr
Ripple Rejection
f
O=120 Hz
52
dB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com