Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS360AF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS360AF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS360AF Datasheet(HTML) 3 Page - STMicroelectronics

  STPS360AF Datasheet HTML 1Page - STMicroelectronics STPS360AF Datasheet HTML 2Page - STMicroelectronics STPS360AF Datasheet HTML 3Page - STMicroelectronics STPS360AF Datasheet HTML 4Page - STMicroelectronics STPS360AF Datasheet HTML 5Page - STMicroelectronics STPS360AF Datasheet HTML 6Page - STMicroelectronics STPS360AF Datasheet HTML 7Page - STMicroelectronics STPS360AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS360
Characteristics
DocID029486 Rev 1
3/8
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 0.5)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to lead versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF(AV)(A)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = tp/T
tp
PF(AV)(W)
0
2
4
6
8
10
0
25
50
75
100
125
150
175
Tamb(°C)
R
th(j-a) = Rth(j-l)
T
δ = tp/T
tp
IF(AV)(A)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tP(s)
Single pulse
Zth(j-l)/Rth(j-l)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
30
40
50
60
VR(V)
T
j = 125 °C
T
j = 25 °C
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
IR(mA)
10
100
1000
1
10
100
VR(V)
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
C(pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com